Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4262 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE4262
Description  5-V Low Drop Voltage Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4262 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE4262 Datasheet HTML 7Page - Infineon Technologies AG TLE4262 Datasheet HTML 8Page - Infineon Technologies AG TLE4262 Datasheet HTML 9Page - Infineon Technologies AG TLE4262 Datasheet HTML 10Page - Infineon Technologies AG TLE4262 Datasheet HTML 11Page - Infineon Technologies AG TLE4262 Datasheet HTML 12Page - Infineon Technologies AG TLE4262 Datasheet HTML 13Page - Infineon Technologies AG TLE4262 Datasheet HTML 14Page - Infineon Technologies AG TLE4262 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
11
Rev. 2.8, 2008-05-19
TLE 4262
Output Voltage versus
Temperature
Drop Voltage versus
Output Current
Output Current versus
Input Voltage
Current Consumption versus
Output Current
AED01090
-40
040
80
120 ˚C 160
4.6
j
T
Q
V
V
I = 13.5 V
4.7
4.8
4.9
5.0
5.1
V
5.2
AED01094
0
0
Q
I
50
100
150
200
300
mA
100
200
300
400
500
600
700
800
mV
V
DR
j
T = 125 ˚C
25 ˚C
T
10
0
0
50
100
20
250
300
Q
Ι
mA
200
150
V
40
30
V
Ι
50
= 25 C
j
AED01091
AED01095
0
0
Q
I
q
I
50
100
150
200
300
I
V = 13.5 V
mA
4
8
12
16
20
24
28
32
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com