Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4263-2ES Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE4263-2ES
Description  5-V Low Dropout Voltage Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4263-2ES Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE4263-2ES Datasheet HTML 1Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 2Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 3Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 4Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 5Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 6Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 7Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 8Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Data Sheet
3
Rev. 1.0, 2008-04-21
TLE4263-2ES
Overview
Dimensioning Information on External Components
The input capacitor
C
I is recommended for compensation of line influences. The output capacitor CQ is necessary
for the stability of the control loop. Stability is guaranteed at values
≥ 22 µF and an ESR of ≤ 3 Ω within the
operating temperature range. For small tolerances of the reset delay the capacitance’s spread of the delay
capacitor
C
D and its temperature coefficient should be taken into consideration.
Circuit Description
The control amplifier compares a reference voltage to a voltage that is proportional to the output voltage and drives
the base of the series transistor via a buffer. Saturation control as a function of the load current prevents any
oversaturation of the power element. The component also has a number of internal circuits for protection against:
•
Overload
•
Overtemperature
•
Reverse polarity
In case the externally scaled down output voltage at the reset adjust input falls below 1.35 V, the external reset
delay capacitor
C
D is discharged by the reset generator. When the voltage of the capacitor reaches the lower
threshold
V
DRL, a reset signal occurs at the reset output and is held until the upper threshold VDU is exceeded. If
the reset threshold input is connected to GND, reset is triggered at an output voltage of typically 4.65 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com