Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4263-2ES Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE4263-2ES
Description  5-V Low Dropout Voltage Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4263-2ES Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE4263-2ES Datasheet HTML 1Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 2Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 3Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 4Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 5Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 6Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 7Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 8Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
PG-DSO-8 exposed pad
Type
Package
Marking
TLE4263-2ES
PG-DSO-8 exposed pad
4263-2
Data Sheet
2
Rev. 1.0, 2008-04-21
5-V Low Dropout Voltage Regulator
TLE4263-2ES
1Overview
Features
•
Exposed Pad Package with Excellent Thermal Behaviour
•
Output Voltage Tolerance
≤ ±2%
•
Output Current up to 180 mA
•
Very Low Standby Current Consumption
•
Watchdog for Monitoring a Microprocessor
•
Power-on and Undervoltage Reset with Programmable Delay Time
•
Reset Low down to
V
Q = 1 V
•
Adjustable Reset Threshold
•
Very Low Dropout Voltage
•
Output Current Limitation
•
Reverse Polarity Protection
•
Overtemperature Protection
•
Wide Temperature Range from -40
°C up to 150 °C
•
Input Voltage Range from -42 V to 45 V
•
Suitable for Use in Automotive Electronics
•
Green Product (RoHS compliant)
•
AEC Qualified
Description
TLE4263-2ES is a monolithic integrated very low dropout voltage regulator in a SMD package PG-DSO-8 exposed
pad, especially designed for automotive applications. An input voltage up to 45 V is regulated to an output voltage
of 5.0 V. The component is able to drive loads up to 180 mA. The IC is short-circuit proof by the implemented
current limitation and has an integrated overtemperature shutdown.
It additionally provides features like power-on and undervoltage reset with adjustable reset threshold, a watchdog
circuit for monitoring a connected microcontroller and an inhibit input for enabling or disabling the component.
The reset output RO is set to “low” in case the output voltage falls below the reset switching threshold
V
Q,rt. This
threshold can be decreased down to 3.5 V by an external resistor divider. The power-on reset delay time can be
programmed by the external delay capacitor
C
D.
The watchdog circuit provides a monitoring function for microcontrollers: At missing pulses on the watchdog’s
input W the reset output RO is set to “low”. The trigger time for the watchdog pulses can be set by the external
capacitor
C
D.
The IC can be switched off by the inhibit input, reducing the current consumption to typically 0
µA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com