Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4263-2ES Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # TLE4263-2ES
Description  5-V Low Dropout Voltage Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4263-2ES Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button TLE4263-2ES Datasheet HTML 14Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 15Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 16Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 17Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 18Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 19Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 20Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 21Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 22Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
Data Sheet
19
Rev. 1.0, 2008-04-21
TLE4263-2ES
Application Information
6.2
Watchdog
Figure 5
Timing of the Watchdog Function Reset
Watchdog Timing
The period of the watchdog pulses has to be smaller than the minimum watchdog trigger time which is set by the
external reset delay capacitor
C
D. Use the following formula for dimensioning CD:
(2)
with
•
C
D: capacitance of the delay capacitor to be chosen
•TWI,tr,new: desired watchdog trigger time
•TWI,tr: watchdog trigger time specified in this data sheet
V
W
t
V
RO
TimingDiagram_Watchdog.vsd
t
V
RO,l
t
WD,L
t
WI,tr
V
DWL
V
DU
t
V
D
t
WD,L
T
WI,p
No positive
V
W edge
CD
TWI,tr,new
TWI,tr
------------------------ 100 nF
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com