Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4263-2ES Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE4263-2ES
Description  5-V Low Dropout Voltage Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4263-2ES Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE4263-2ES Datasheet HTML 9Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 10Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 11Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 12Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 13Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 14Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 15Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 16Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Data Sheet
13
Rev. 1.0, 2008-04-21
TLE4263-2ES
Electrical Characteristics
5.7
Reset Function
Note: The reset output is low within the range
V
Q = 1 V to VQ,rt
Electrical Characteristics Reset Function
V
I = 13.5 V, -40 °C ≤ Tj ≤ 150 °C, VINH > 3.6 V; all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
Output Undervoltage Reset
5.7.1
Default Output Undervoltage Reset
Switching Thresholds
V
Q,rt
4.5
4.65
4.8
V
V
Q decreasing
Output Undervoltage Reset Threshold Adjustment
5.7.2
Reset Adjust
Switching Threshold
V
RADJ,th
1.26
1.36
1.44
V
3.5 V
≤ VQ < 5 V
5.7.3
Reset Adjustment Range1)
1)
V
RT is scaled linearly, in case the Reset Switching Threshold is modified
V
RT,range
3.50
–
4.65
V
–
Reset Output RO
5.7.4
Reset Output Low Voltage
V
RO,low
–0.1
0.4
V
I
RO = 1 mA
Reset Delay Timing
5.7.5
Power On Reset Delay Time
t
rd
1.3
2.8
4.1
ms
C
D = 100 nF
5.7.6
Saturation Voltage
V
D,sat
–50
110
mV
V
Q < VR,th
5.7.7
Upper Delay
Switching Threshold
V
DU
1.40
1.70
2.20
V
–
5.7.8
Lower Delay
Switching Threshold
V
DRL
0.20
0.35
0.59
V
–
5.7.9
Delay Capacitor
Charge Current
I
D,ch
40
60
88
µA–
5.7.10
Reset Reaction Time
t
rr
0.5
1.2
4
µs
C
D = 100 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com