Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8735-21 Datasheet(PDF) 17 Page - Integrated Device Technology

Part # ICS8735-21
Description  700MHz, DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8735-21 Datasheet(HTML) 17 Page - Integrated Device Technology

Back Button ICS8735-21 Datasheet HTML 12Page - Integrated Device Technology ICS8735-21 Datasheet HTML 13Page - Integrated Device Technology ICS8735-21 Datasheet HTML 14Page - Integrated Device Technology ICS8735-21 Datasheet HTML 15Page - Integrated Device Technology ICS8735-21 Datasheet HTML 16Page - Integrated Device Technology ICS8735-21 Datasheet HTML 17Page - Integrated Device Technology ICS8735-21 Datasheet HTML 18Page - Integrated Device Technology ICS8735-21 Datasheet HTML 19Page - Integrated Device Technology ICS8735-21 Datasheet HTML 20Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
ICS8735-21
700MHZ, DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
IDT™ / ICS™ 3.3V LVPECL ZERO DELAY CLOCK GENERATOR
17
ICS8735AM-21 REV. A JULY 31, 2008
Reliability Information
Table 8A. θJA vs. Air Flow Table for a 20 Lead TSSOP
Table 8B. θJA vs. Air Flow Table for a 32 Lead VFQFN, Forced Convection
Transistor Count
The transistor count for ICS8735-21 is: 2969
Package Outline and Package Dimensions
Package Outline - M Suffix for 20 Lead SOIC
Table 9A. Package Dimensions for 20 Lead SOIC
Reference Document: JEDEC Publication 95, MS-013, MS-119
θ
JA vs. Air Flow
Linear Feet per Minute
0200
500
Single-Layer PCB, JEDEC Standard Test Boards
83.2°C/W
65.7°C/W
57.5°C/W
Multi-Layer PCB, JEDEC Standard Test Boards
46.2°C/W
39.7°C/W
36.8°C/W
NOTE: Most modern PCB designs use multi-layered boards. The data in the second row pertains to most designs.
θ
JA by Velocity
Meters per Second
01
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
37.0°C/W
32.4°C/W
29.0°C/W
300 Millimeters
All Dimensions in Millimeters
Symbol
Minimum
Maximum
N
20
A
2.65
A1
0.10
A2
2.05
2.55
B
0.33
0.51
C
0.18
0.32
D
12.60
13.00
E
7.40
7.60
e
1.27 Basic
H
10.00
10.65
h
0.25
0.75
L
0.40
1.27
α
0°
7°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com