Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8735-21 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ICS8735-21
Description  700MHz, DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8735-21 Datasheet(HTML) 3 Page - Integrated Device Technology

  ICS8735-21 Datasheet HTML 1Page - Integrated Device Technology ICS8735-21 Datasheet HTML 2Page - Integrated Device Technology ICS8735-21 Datasheet HTML 3Page - Integrated Device Technology ICS8735-21 Datasheet HTML 4Page - Integrated Device Technology ICS8735-21 Datasheet HTML 5Page - Integrated Device Technology ICS8735-21 Datasheet HTML 6Page - Integrated Device Technology ICS8735-21 Datasheet HTML 7Page - Integrated Device Technology ICS8735-21 Datasheet HTML 8Page - Integrated Device Technology ICS8735-21 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ICS8735-21
700MHZ, DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
IDT™ / ICS™ 3.3V LVPECL ZERO DELAY CLOCK GENERATOR
3
ICS8735AM-21 REV. A JULY 31, 2008
Function Tables
Table 3A. Control Input Function Table
*NOTE: VCO frequency range for all configurations above is 250MHz to 700MHz.
Inputs
Outputs
PLL_SEL = 1
PLL Enable Mode
SEL3
SEL2
SEL1
SEL0
Reference Frequency Range (MHz)*
Q/nQ, QFB/nQFB
0000
250 - 700
÷1
0001
125 - 350
÷1
0010
62.5 - 175
÷1
0011
31.25 - 87.5
÷1
0100
250 - 700
÷2
0101
125 - 350
÷2
0110
62.5 - 175
÷2
0111
250 - 700
÷4
1000
125 - 350
÷4
1001
250 - 700
÷8
1010
125 - 350
x2
1011
62.5 - 175
x2
1100
31.25 - 87.5
x2
1101
62.5 - 175
x4
1110
31.25 - 87.5
x4
1111
31.25 - 87.5
x8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com