Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8735-21 Datasheet(PDF) 15 Page - Integrated Device Technology

Part # ICS8735-21
Description  700MHz, DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8735-21 Datasheet(HTML) 15 Page - Integrated Device Technology

Back Button ICS8735-21 Datasheet HTML 11Page - Integrated Device Technology ICS8735-21 Datasheet HTML 12Page - Integrated Device Technology ICS8735-21 Datasheet HTML 13Page - Integrated Device Technology ICS8735-21 Datasheet HTML 14Page - Integrated Device Technology ICS8735-21 Datasheet HTML 15Page - Integrated Device Technology ICS8735-21 Datasheet HTML 16Page - Integrated Device Technology ICS8735-21 Datasheet HTML 17Page - Integrated Device Technology ICS8735-21 Datasheet HTML 18Page - Integrated Device Technology ICS8735-21 Datasheet HTML 19Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
ICS8735-21
700MHZ, DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
IDT™ / ICS™ 3.3V LVPECL ZERO DELAY CLOCK GENERATOR
15
ICS8735AM-21 REV. A JULY 31, 2008
Power Considerations
This section provides information on power dissipation and junction temperature for the ICS8735-21.
Equations and example calculations are also provided.
1.
Power Dissipation.
The total power dissipation for the ICS8735-21 is the sum of the core power plus the power dissipated in the load(s).
The following is the power dissipation for VCC = 3.3V + 5% = 3.465V, which gives worst case results.
NOTE: Please refer to Section 3 for details on calculating power dissipated in the load.
•
Power (core)MAX = VCC_MAX * ICC_MAX = 3.465V * 150mA = 519.8mW
•
Power (outputs)MAX = 30mW/Loaded output pair
If all outputs are loaded, the total power is 2 * 30mW = 60mW
Total Power_MAX = (3.465V, with all outputs switching) = 519.8mW + 60mW = 579.8mW
2. Junction Temperature.
Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad and directly affects the reliability of the device.
The maximum recommended junction temperature for HiPerClockS devices is 125°C.
The equation for Tj is as follows: Tj =
θ
JA * Pd_total + TA
Tj = Junction Temperature
θ
JA = Junction-to-Ambient Thermal Resistance
Pd_total = Total Device Power Dissipation (example calculation is in section 1 above)
TA = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance
θ
JA must be used. Assuming no air flow
and a multi-layer board, the appropriate value is 83.2°C/W per Table 7A below.
Therefore, Tj for an ambient temperature of 70°C with all outputs switching is:
70°C + 0.580W * 83.2°C/W = 118.3°C. This is well below the limit of 125°C.
This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow and the type
of board (single layer or multi-layer).
Table 7A. Thermal Resistance θJA for 20 Lead SOIC, Forced Convection
Table 7B. Thermal Resistance θJA for 32 Lead VFQFN, Forced Convection
θ
JA vs. Air Flow
Linear Feet per Minute
0200
500
Single-Layer PCB, JEDEC Standard Test Boards
83.2°C/W
65.7°C/W
57.5°C/W
Multi-Layer PCB, JEDEC Standard Test Boards
46.2°C/W
39.7°C/W
36.8°C/W
NOTE: Most modern PCB designs use multi-layered boards. The data in the second row pertains to most designs.
θ
JA by Velocity
Meters per Second
01
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
37.0°C/W
32.4°C/W
29.0°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com