Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8735-21 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # ICS8735-21
Description  700MHz, DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8735-21 Datasheet(HTML) 4 Page - Integrated Device Technology

  ICS8735-21 Datasheet HTML 1Page - Integrated Device Technology ICS8735-21 Datasheet HTML 2Page - Integrated Device Technology ICS8735-21 Datasheet HTML 3Page - Integrated Device Technology ICS8735-21 Datasheet HTML 4Page - Integrated Device Technology ICS8735-21 Datasheet HTML 5Page - Integrated Device Technology ICS8735-21 Datasheet HTML 6Page - Integrated Device Technology ICS8735-21 Datasheet HTML 7Page - Integrated Device Technology ICS8735-21 Datasheet HTML 8Page - Integrated Device Technology ICS8735-21 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ICS8735-21
700MHZ, DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
IDT™ / ICS™ 3.3V LVPECL ZERO DELAY CLOCK GENERATOR
4
ICS8735AM-21 REV. A JULY 31, 2008
Table 3B. PLL Bypass Function Table
Inputs
Outputs
PLL_SEL = 0
PLL Bypass Mode
SEL3
SEL2
SEL1
SEL0
Q/nQ, QFB/nQFB
0z
000
÷4
0001
÷4
0010
÷4
0011
÷8
0100
÷8
0101
÷8
0110
÷16
0111
÷16
1000
÷32
1001
÷64
1010
÷2
1011
÷2
1100
÷4
1101
÷1
1110
÷2
1111
÷1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com