Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP5358LUI Datasheet(PDF) 3 Page - Enpirion, Inc.

Part # EP5358LUI
Description  500mA Synchronous Buck Regulator with Integrated Inductor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

EP5358LUI Datasheet(HTML) 3 Page - Enpirion, Inc.

  EP5358LUI Datasheet HTML 1Page - Enpirion, Inc. EP5358LUI Datasheet HTML 2Page - Enpirion, Inc. EP5358LUI Datasheet HTML 3Page - Enpirion, Inc. EP5358LUI Datasheet HTML 4Page - Enpirion, Inc. EP5358LUI Datasheet HTML 5Page - Enpirion, Inc. EP5358LUI Datasheet HTML 6Page - Enpirion, Inc. EP5358LUI Datasheet HTML 7Page - Enpirion, Inc. EP5358LUI Datasheet HTML 8Page - Enpirion, Inc. EP5358LUI Datasheet HTML 9Page - Enpirion, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
03541
5/29/2009
Rev:A
EP5358LUI/EP5358HUI
©Enpirion 2009 all rights reserved, E&OE
3
www.enpirion.com
PIN
NAME
FUNCTION
12
ENABLE
Output Enable. Enable = logic high; Disable = logic low
13
AVIN
Input power supply for the controller circuitry.
14
PVIN
Input Voltage for the MOSFET switches.
Absolute Maximum Ratings
CAUTION:
Absolute Maximum ratings are stress ratings only. Functional operation beyond the
recommended operating conditions is not implied. Stress beyond the absolute maximum ratings may
cause permanent damage to the device.
Exposure to absolute maximum rated conditions for
extended periods may affect device reliability.
PARAMETER
SYMBOL
MIN
MAX
UNITS
Input Supply Voltage
VIN
-0.3
6.0
V
Voltages on: ENABLE, VSENSE, VSO – VS2
-0.3
VIN+ 0.3
V
Voltages on: VFB (EP5358LUI)
-0.3
2.7
V
Maximum Operating Junction Temperature
TJ-ABS
150
°C
Storage Temperature Range
TSTG
-65
150
°C
Reflow Temp, 10 Sec, MSL3 JEDEC J-STD-020C
260
°C
ESD Rating (based on Human Body Mode)
2000
V
Recommended Operating Conditions
PARAMETER
SYMBOL
MIN
MAX
UNITS
Input Voltage Range
VIN
2.4
5.5
V
Operating Ambient Temperature
TA
-40
+85
°C
Operating Junction Temperature
TJ
-40
+125
°C
Thermal Characteristics
PARAMETER
SYMBOL
TYP
UNITS
Thermal Resistance: Junction to Ambient –0 LFM (Note 1)
θJA
85
°C/W
Thermal Overload Trip Point
TJ-TP
+155
°C
Thermal Overload Trip Point Hysteresis
25
°C
Note 1
: Based on a four layer copper board and proper thermal design per JEDEC EIJ/JESD51 standards



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com