Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP5358LUI Datasheet(PDF) 11 Page - Enpirion, Inc.

Part # EP5358LUI
Description  500mA Synchronous Buck Regulator with Integrated Inductor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

EP5358LUI Datasheet(HTML) 11 Page - Enpirion, Inc.

Back Button EP5358LUI Datasheet HTML 6Page - Enpirion, Inc. EP5358LUI Datasheet HTML 7Page - Enpirion, Inc. EP5358LUI Datasheet HTML 8Page - Enpirion, Inc. EP5358LUI Datasheet HTML 9Page - Enpirion, Inc. EP5358LUI Datasheet HTML 10Page - Enpirion, Inc. EP5358LUI Datasheet HTML 11Page - Enpirion, Inc. EP5358LUI Datasheet HTML 12Page - Enpirion, Inc. EP5358LUI Datasheet HTML 13Page - Enpirion, Inc. EP5358LUI Datasheet HTML 14Page - Enpirion, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
03541
5/29/2009
Rev:A
EP5358LUI/EP5358HUI
©Enpirion 2009 all rights reserved, E&OE
11
www.enpirion.com
Application Information
VIN
VSENSE
PVIN
VS1
VS2
VS0
10
μF
0603
2.2
μF
0603
VOUT
VOUT
AGND
ENABLE
PGND
AVIN
Figure 6: Application Circuit, EP5358HUI,.
VIN
VSENSE
PVIN
VS1
VS2
VS0
10
μF
0603
2.2
μF
0603
VOUT
VOUT
AGND
ENABLE
VFB
PGND
AVIN
Figure 7: Application Circuit, EP5358LUI, showing
the VFB function.
Output Voltage Programming
The EP5358xUI utilizes a 3-pin VID to program
the output voltage value. The VID is available
in two sets of output VID programming ranges.
The VID pins should be connected either to
AVIN or to AGND to avoid noise coupling into
the device.
The “Low” range is optimized for low voltage
applications. It comes with preset VID settings
ranging from 0.80V and 1.5V. This VID set
also has an external divider option.
To specify this VID range, order part number
EP5358LUI.
The “High” VID set provides output voltage
settings ranging from 1.8V to 3.3V.
This
version does not have an external divider
option. To specify this VID range, order part
number EP5358HUI.
Internally, the output of the VID multiplexer
sets the value for the voltage reference DAC,
which in turn is connected to the non-inverting
input of the error amplifier. This allows the use
of a single feedback divider with constant loop
gain and optimum compensation, independent
of the output voltage selected.
NOTE:
The VID pins must not be left floating.
EP5358L Low VID Range Programming
The EP5358LUI is designed to provide a high
degree of flexibility in powering applications
that require low VOUT settings and dynamic
voltage scaling (DVS). The device employs a
3-pin VID architecture that allows the user to
choose one of seven (7) preset output voltage
settings, or the user can select an external
voltage divider option. The VID pin settings
can be changed on the fly to implement glitch-
free voltage scaling.
Table 1: EP5358LUI VID Voltage Select Settings
VS2
VS1
VS0
VOUT
00
0
1.50
00
1
1.45
01
0
1.20
01
1
1.15
10
0
1.10
10
1
1.05
11
0
0.8
11
1
EXT
Table 1 shows the VS2-VS0 pin logic states for
the EP5358LUI and the associated output
voltage levels.
A logic “1” indicates a
connection to AVIN or to a “high” logic voltage
level.
A logic “0” indicates a connection to
AGND or to a “low” logic voltage level. These
pins can be either hardwired to AVIN or AGND
or alternatively can be driven by standard logic
levels. Logic levels are defined in the electrical
characteristics table. Any level between the
logic high and logic low is indeterminate.
EP5358LUI External Voltage Divider
The external divider option is chosen by
connecting VID pins VS2-VS0 to VIN or a logic
“1” or “high”. The EP5358LUI uses a separate
feedback pin, VFB, when using the external
divider. VSENSE must be connected to VOUT as
indicated in Figure 8.
The output voltage is
selected by the following formula:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com