Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP5358LUI Datasheet(PDF) 14 Page - Enpirion, Inc.

Part # EP5358LUI
Description  500mA Synchronous Buck Regulator with Integrated Inductor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

EP5358LUI Datasheet(HTML) 14 Page - Enpirion, Inc.

Back Button EP5358LUI Datasheet HTML 6Page - Enpirion, Inc. EP5358LUI Datasheet HTML 7Page - Enpirion, Inc. EP5358LUI Datasheet HTML 8Page - Enpirion, Inc. EP5358LUI Datasheet HTML 9Page - Enpirion, Inc. EP5358LUI Datasheet HTML 10Page - Enpirion, Inc. EP5358LUI Datasheet HTML 11Page - Enpirion, Inc. EP5358LUI Datasheet HTML 12Page - Enpirion, Inc. EP5358LUI Datasheet HTML 13Page - Enpirion, Inc. EP5358LUI Datasheet HTML 14Page - Enpirion, Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
03541
5/29/2009
Rev:A
EP5358LUI/EP5358HUI
©Enpirion 2009 all rights reserved, E&OE
14
www.enpirion.com
Package and Mechanical
Figure 10: EN5358xQI Package Dimensions
Contact Information
Enpirion, Inc.
Perryville III
53 Frontage Road Suite 210
Hampton, NJ 08827
Phone: +1 908-894-6000
Fax: +1 908-894-6090
Enpirion reserves the right to make changes in circuit design and/or specifications at any time without notice. Information furnished by Enpirion is
believed to be accurate and reliable. Enpirion assumes no responsibility for its use or for infringement of patents or other third party rights, which may
result from its use. Enpirion products are not authorized for use in nuclear control systems, as critical components in life support systems or equipment
used in hazardous environment without the express written authority from Enpirion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com