Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP5358LUI Datasheet(PDF) 10 Page - Enpirion, Inc.

Part # EP5358LUI
Description  500mA Synchronous Buck Regulator with Integrated Inductor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

EP5358LUI Datasheet(HTML) 10 Page - Enpirion, Inc.

Back Button EP5358LUI Datasheet HTML 6Page - Enpirion, Inc. EP5358LUI Datasheet HTML 7Page - Enpirion, Inc. EP5358LUI Datasheet HTML 8Page - Enpirion, Inc. EP5358LUI Datasheet HTML 9Page - Enpirion, Inc. EP5358LUI Datasheet HTML 10Page - Enpirion, Inc. EP5358LUI Datasheet HTML 11Page - Enpirion, Inc. EP5358LUI Datasheet HTML 12Page - Enpirion, Inc. EP5358LUI Datasheet HTML 13Page - Enpirion, Inc. EP5358LUI Datasheet HTML 14Page - Enpirion, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
03541
5/29/2009
Rev:A
EP5358LUI/EP5358HUI
©Enpirion 2009 all rights reserved, E&OE
10
www.enpirion.com
COUT_TOTAL_MAX = COUT_Filter + COUT_BULK = 200uF
EP5358HUI:
COUT_TOTAL_MAX = COUT_Filter + COUT_BULK = 100uF
The nominal value for COUT is 10uF. See the
applications section for more details.
Over Current/Short Circuit Protection
The current limit function is achieved by
sensing the current flowing through a sense P-
MOSFET which is compared to a reference
current. When this level is exceeded the P-
FET is turned off and the N-FET is turned on,
pulling VOUT low. This condition is maintained
for approximately 0.5mS and then a normal
soft start is initiated.
If the over current
condition still persists, this cycle will repeat.
Under Voltage Lockout
During initial power up an under voltage
lockout circuit will hold-off the switching
circuitry until the input voltage reaches a
sufficient level to insure proper operation. If
the voltage drops below the UVLO threshold
the lockout circuitry will again disable the
switching. Hysteresis is included to prevent
chattering between states.
Enable
The ENABLE pin provides a means to shut
down
the
converter
or
enable
normal
operation.
A logic low will disable the
converter and cause it to shut down. A logic
high will enable the converter into normal
operation.
NOTE:
The ENABLE pin must not be left
floating.
Thermal Shutdown
When excessive power is dissipated in the
chip, the junction temperature rises. Once the
junction temperature exceeds the thermal
shutdown temperature the thermal shutdown
circuit turns off the converter output voltage
thus allowing the device to cool. When the
junction temperature decreases by 15C°, the
device will go through the normal startup
process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com