Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny43U-MU Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATtiny43U-MU
Description  8-bit Microcontroller with 4K Bytes In-System Programmable Falsh and Boost Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny43U-MU Datasheet(HTML) 2 Page - ATMEL Corporation

  ATtiny43U-MU Datasheet HTML 1Page - ATMEL Corporation ATtiny43U-MU Datasheet HTML 2Page - ATMEL Corporation ATtiny43U-MU Datasheet HTML 3Page - ATMEL Corporation ATtiny43U-MU Datasheet HTML 4Page - ATMEL Corporation ATtiny43U-MU Datasheet HTML 5Page - ATMEL Corporation ATtiny43U-MU Datasheet HTML 6Page - ATMEL Corporation ATtiny43U-MU Datasheet HTML 7Page - ATMEL Corporation ATtiny43U-MU Datasheet HTML 8Page - ATMEL Corporation ATtiny43U-MU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
8048BS–AVR–03/09
ATtiny43U
1.
Pin Configurations
Figure 1-1.
Pinout of ATtiny43U
1.1
Pin Descriptions
1.1.1
V
CC
Supply voltage.
1.1.2
GND
Ground.
1.1.3
Port A (PA7:PA0)
Port A is a 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The
Port A output buffers have symmetrical drive characteristics with both high sink and source
(T0/PCINT8) PB0
(OC0A/PCINT9) PB1
(OC0B/PCINT10) PB2
(T1/CLKO/PCINT11) PB3
(DI/OC1A/PCINT12) PB4
(DO/OC1B/PCINT13) PB5
(USCK/SCL/PCINT14) PB6
(INT0/PCINT15) PB7
VCC
GND
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
PA7 (RESET/dW/PCINT7)
PA6 (CLKI/PCINT6)
PA5 (AIN1/PCINT5)
PA4 (AIN0/PCINT4)
PA3 (ADC3/PCINT3)
PA2 (ADC2/PCINT2)
PA1 (ADC1/PCINT1)
PA0 (ADC0/PCINT0)
VBAT
LSW
QFN/MLF Top View
SOIC
NOTE: Bottom pad should
be Soldered to ground.
1
2
3
4
5
15
14
13
12
11
(OC0B/PCINT9) PB2
(T1/CLKO/PCINT11) PB
3
(DI/OC1A/PCINT12)
PB4
(DO/OC1B/PCINT13)
PB5
(USCK/SCL/PCINT14)
PB6
PA4 (AIN0/PCINT4)
PA3 (ADC3/PCINT3)
PA2 (ADC2/PCINT2)
PA1 (ADC1/PCINT1)
PA0 (ADC0/PCINT0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com