Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny43U-MU Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATtiny43U-MU
Description  8-bit Microcontroller with 4K Bytes In-System Programmable Falsh and Boost Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny43U-MU Datasheet(HTML) 4 Page - ATMEL Corporation

  ATtiny43U-MU Datasheet HTML 1Page - ATMEL Corporation ATtiny43U-MU Datasheet HTML 2Page - ATMEL Corporation ATtiny43U-MU Datasheet HTML 3Page - ATMEL Corporation ATtiny43U-MU Datasheet HTML 4Page - ATMEL Corporation ATtiny43U-MU Datasheet HTML 5Page - ATMEL Corporation ATtiny43U-MU Datasheet HTML 6Page - ATMEL Corporation ATtiny43U-MU Datasheet HTML 7Page - ATMEL Corporation ATtiny43U-MU Datasheet HTML 8Page - ATMEL Corporation ATtiny43U-MU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
8048BS–AVR–03/09
ATtiny43U
2.
Overview
The ATtiny43U is a low-power CMOS 8-bit microcontroller based on the AVR enhanced RISC
architecture. By executing powerful instructions in a single clock cycle, the ATtiny43U achieves
throughputs approaching 1 MIPS per MHz allowing the system designer to optimize power con-
sumption versus processing speed.
Figure 2-1.
Block Diagram
The AVR core combines a rich instruction set with 32 general purpose working registers. All the
32 registers are directly connected to the Arithmetic Logic Unit (ALU), allowing two independent
registers to be accessed in one single instruction executed in one clock cycle. The resulting
STACK
POINTER
SRAM
PROGRAM
COUNTER
BOOST
CONVERTER
PROGRAMMING
LOGIC
ISP
INTERFACE
INTERNAL
OSCILLATOR
WATCHDOG
TIMER
MCU CONTROL
REGISTER
MCU STATUS
REGISTER
TIMER/
COUNTER0
TIMER/
COUNTER1
CALIBRATED
OSCILLATOR
TIMING AND
CONTROL
INTERRUPT
UNIT
EEPROM
ANALOG
COMPARATOR
ADC
POWER
SUPERVISION
POR
BOD
RESET
ON-CHIP
DEBUG
VOLTAGE
REFERENCE
GENERAL
PURPOSE
REGISTERS
X
Y
Z
ALU
STATUS
REGISTER
PROGRAM
FLASH
INSTRUCTION
REGISTER
INSTRUCTION
DECODER
CONTROL
LINES
DATA REGISTER
PORT A
DIRECTION REG.
PORT A
DRIVERS
PORT A
VCC
VBAT
LSW
RESET
DATA REGISTER
PORT B
DIRECTION REG.
PORT B
DRIVERS
PORT B
GND
USI
PA7:0
PB7:0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com