Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny43U-MU Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATtiny43U-MU
Description  8-bit Microcontroller with 4K Bytes In-System Programmable Falsh and Boost Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny43U-MU Datasheet(HTML) 3 Page - ATMEL Corporation

  ATtiny43U-MU Datasheet HTML 1Page - ATMEL Corporation ATtiny43U-MU Datasheet HTML 2Page - ATMEL Corporation ATtiny43U-MU Datasheet HTML 3Page - ATMEL Corporation ATtiny43U-MU Datasheet HTML 4Page - ATMEL Corporation ATtiny43U-MU Datasheet HTML 5Page - ATMEL Corporation ATtiny43U-MU Datasheet HTML 6Page - ATMEL Corporation ATtiny43U-MU Datasheet HTML 7Page - ATMEL Corporation ATtiny43U-MU Datasheet HTML 8Page - ATMEL Corporation ATtiny43U-MU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
8048BS–AVR–03/09
capability except PA7 which has the RESET capability. To use pin PA7 as an I/O pin, instead of
RESET pin, program (‘0’) RSTDISBL fuse. As inputs, Port A pins that are externally pulled low
will source current if the pull-up resistors are activated. The Port A pins are tri-stated when a
reset condition becomes active, even if the clock is not running.
Port A has an alternate functions as analog inputs for the ADC, analog comparator, timer/coun-
ter, SPI and pin change interrupt as described in “Alternate Port Functions” on page 67.
1.1.4
RESET
Reset input. A low level on this pin for longer than the minimum pulse length will generate a
reset, even if the clock is not running. The minimum pulse length is given in Table 20-4 on page
158. Shorter pulses are not guaranteed to generate a reset.
1.1.5
Port B (PB7:PB0)
Port B is a 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The
Port B output buffers have symmetrical drive characteristics with both high sink and source
capability. As inputs, Port B pins that are externally pulled low will source current if the pull-up
resistors are activated. The Port B pins are tri-stated when a reset condition becomes active,
even if the clock is not running.
Port B also serves the functions of various special features as listed in Section 11.3 “Alternate
Port Functions” on page 67.
1.1.6
LSW
Boost converter external inductor connection. Connect to ground when boost converter is dis-
abled permanently.
1.1.7
V
BAT
Battery supply voltage. Connect to ground when boost converter is disabled permanently.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com