Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny43U-MU Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATtiny43U-MU
Description  8-bit Microcontroller with 4K Bytes In-System Programmable Falsh and Boost Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny43U-MU Datasheet(HTML) 5 Page - ATMEL Corporation

  ATtiny43U-MU Datasheet HTML 1Page - ATMEL Corporation ATtiny43U-MU Datasheet HTML 2Page - ATMEL Corporation ATtiny43U-MU Datasheet HTML 3Page - ATMEL Corporation ATtiny43U-MU Datasheet HTML 4Page - ATMEL Corporation ATtiny43U-MU Datasheet HTML 5Page - ATMEL Corporation ATtiny43U-MU Datasheet HTML 6Page - ATMEL Corporation ATtiny43U-MU Datasheet HTML 7Page - ATMEL Corporation ATtiny43U-MU Datasheet HTML 8Page - ATMEL Corporation ATtiny43U-MU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
8048BS–AVR–03/09
architecture is more code efficient while achieving throughputs up to ten times faster than con-
ventional CISC microcontrollers.
The ATtiny43U provides the following features: 4K byte of In-System Programmable Flash, 64
bytes EEPROM, 256 bytes SRAM, 16 general purpose I/O lines, 32 general purpose working
registers, two 8-bit Timer/Counters with two PWM channels, Internal and External Interrupts, a
4-channel 10-bit ADC, Universal Serial Interface, a programmable Watchdog Timer with internal
Oscillator, internal calibrated oscillator, and three software selectable power saving modes. The
Idle mode stops the CPU while allowing the SRAM, Timer/Counter, ADC, Analog Comparator,
and Interrupt system to continue functioning. The Power-down mode saves the register con-
tents, disabling all chip functions until the next Interrupt or Hardware Reset. The ADC Noise
Reduction mode stops the CPU and all I/O modules except ADC, to minimize switching noise
during ADC conversions.
A special feature of ATtiny43U is the built-in boost voltage converter, which provides 3V supply
voltage from an external, low voltage.
The device is manufactured using Atmel’s high density non-volatile memory technology. The
On-chip ISP Flash allows the Program memory to be re-programmed In-System through an SPI
serial interface, by a conventional non-volatile memory programmer or by an On-chip boot code
running on the AVR core.
The ATtiny43U AVR is supported by a full suite of program and system development tools
including: C Compilers, Macro Assemblers, Program Debugger/Simulators, In-Circuit Emulators,
and Evaluation kits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com