Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF321 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT25DF321
Description  32-megabit 2.7-volt Minimum SPI Serial Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF321 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT25DF321_09 Datasheet HTML 7Page - ATMEL Corporation AT25DF321_09 Datasheet HTML 8Page - ATMEL Corporation AT25DF321_09 Datasheet HTML 9Page - ATMEL Corporation AT25DF321_09 Datasheet HTML 10Page - ATMEL Corporation AT25DF321_09 Datasheet HTML 11Page - ATMEL Corporation AT25DF321_09 Datasheet HTML 12Page - ATMEL Corporation AT25DF321_09 Datasheet HTML 13Page - ATMEL Corporation AT25DF321_09 Datasheet HTML 14Page - ATMEL Corporation AT25DF321_09 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
11
3669B–DFLASH–6/09
AT25DF321
If the address specified by A23-A0 points to a memory location within a sector that is in the pro-
tected state, then the Block Erase command will not be executed, and the device will return to
the idle state once the CS pin has been deasserted.
The WEL bit in the Status Register will be reset back to the logical “0” state if the erase cycle
aborts due to an incomplete address being sent or because a memory location within the region
to be erased is protected.
While the device is executing a successful erase cycle, the Status Register can be read and will
indicate that the device is busy. For faster throughput, it is recommended that the Status Regis-
ter be polled rather than waiting the tBLKE time to determine if the device has finished erasing. At
some point before the erase cycle completes, the WEL bit in the Status Register will be reset
back to the logical “0” state.
The device also incorporates an intelligent erasing algorithm that can detect when a byte loca-
tion fails to erase properly. If an erase error arises, it will be indicated by the EPE bit in the
Status Register.
Figure 8-3.
Block Erase
8.3
Chip Erase
The entire memory array can be erased in a single operation by using the Chip Erase command.
Before a Chip Erase command can be started, the Write Enable command must have been pre-
viously issued to the device to set the WEL bit of the Status Register to a logical “1” state.
Two opcodes, 60h and C7h, can be used for the Chip Erase command. There is no difference in
device functionality when utilizing the two opcodes, so they can be used interchangeably. To
perform a Chip Erase, one of the two opcodes (60h or C7h) must be clocked into the device.
Since the entire memory array is to be erased, no address bytes need to be clocked into the
device, and any data clocked in after the opcode will be ignored. When the CS pin is deasserted,
the device will erase the entire memory array. The erasing of the device is internally self-timed
and should take place in a time of tCHPE.
The complete opcode must be clocked into the device before the CS pin is deasserted, and the
CS pin must be deasserted on an even byte boundary (multiples of eight bits); otherwise, no
erase will be performed. In addition, if any sector of the memory array is in the protected state,
then the Chip Erase command will not be executed, and the device will return to the idle state
once the CS pin has been deasserted. The WEL bit in the Status Register will be reset back to
the logical “0” state if a sector is in the protected state.
While the device is executing a successful erase cycle, the Status Register can be read and will
indicate that the device is busy. For faster throughput, it is recommended that the Status Regis-
SCK
CS
SI
SO
MSB
MSB
23
1
0
CCCCCCCC
67
5
410 11
9
812
31
29 30
27 28
26
OPCODE
AAAA
AAA
A
A
A
A
A
ADDRESS BITS A23-A0
HIGH-IMPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com