Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF321 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT25DF321
Description  32-megabit 2.7-volt Minimum SPI Serial Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF321 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT25DF321_09 Datasheet HTML 1Page - ATMEL Corporation AT25DF321_09 Datasheet HTML 2Page - ATMEL Corporation AT25DF321_09 Datasheet HTML 3Page - ATMEL Corporation AT25DF321_09 Datasheet HTML 4Page - ATMEL Corporation AT25DF321_09 Datasheet HTML 5Page - ATMEL Corporation AT25DF321_09 Datasheet HTML 6Page - ATMEL Corporation AT25DF321_09 Datasheet HTML 7Page - ATMEL Corporation AT25DF321_09 Datasheet HTML 8Page - ATMEL Corporation AT25DF321_09 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
Features
• Single 2.7V - 3.6V Supply
• Serial Peripheral Interface (SPI) Compatible
– Supports SPI Modes 0 and 3
• 70 MHz Maximum Clock Frequency
• Flexible, Uniform Erase Architecture
– 4-Kbyte Blocks
– 32-Kbyte Blocks
– 64-Kbyte Blocks
– Full Chip Erase
• Individual Sector Protection with Global Protect/Unprotect Feature
– Sixty-Four 64-Kbyte Physical Sectors
• Hardware Controlled Locking of Protected Sectors
• Flexible Programming
– Byte/Page Program (1 to 256 Bytes)
• Automatic Checking and Reporting of Erase/Program Failures
• JEDEC Standard Manufacturer and Device ID Read Methodology
• Low Power Dissipation
– 7 mA Active Read Current (Typical)
– 15 µA Deep Power-Down Current (Typical)
• Endurance: 100,000 Program/Erase Cycles
• Data Retention: 20 Years
• Complies with Full Industrial Temperature Range
• Industry Standard Green (Pb/Halide-free/RoHS Compliant) Package Options
– 8-lead SOIC (200-mil wide)
– 16-lead SOIC (300-mil wide)
1. Description
The AT25DF321 is a serial interface Flash memory device designed for use in a wide
variety of high-volume consumer based applications in which program code is shad-
owed from Flash memory into embedded or external RAM for execution. The flexible
erase architecture of the AT25DF321, with its erase granularity as small as 4-Kbytes,
makes it ideal for data storage as well, eliminating the need for additional data storage
EEPROM devices.
The physical sectoring and the erase block sizes of the AT25DF321 have been opti-
mized to meet the needs of today's code and data storage applications. By optimizing
the size of the physical sectors and erase blocks, the memory space can be used
much more efficiently. Because certain code modules and data storage segments
must reside by themselves in their own protected sectors, the wasted and unused
memory space that occurs with large sectored and large block erase Flash memory
devices can be greatly reduced. This increased memory space efficiency allows addi-
tional code routines and data storage segments to be added while still maintaining the
same overall device density.
32-megabit
2.7-volt
Minimum
SPI Serial Flash
Memory
AT25DF321
3669B–DFLASH–6/09


Similar Part No. - AT25DF321_09

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25DF321-S3U ATMEL-AT25DF321-S3U Datasheet
786Kb / 37P
32-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT25DF321-SU ATMEL-AT25DF321-SU Datasheet
786Kb / 37P
32-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT25DF321A ATMEL-AT25DF321A Datasheet
1Mb / 58P
32-Megabit 2.7-volt Minimum SPI Serial Flash Memory
logo
List of Unclassifed Man...
AT25DF321A ETC2-AT25DF321A Datasheet
1Mb / 53P
32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
logo
Renesas Technology Corp
AT25DF321A RENESAS-AT25DF321A Datasheet
1Mb / 51P
32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
02/2019
More results

Similar Description - AT25DF321_09

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25DF021 ATMEL-AT25DF021 Datasheet
347Kb / 16P
2-Megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
AT25DF041A ATMEL-AT25DF041A_08 Datasheet
868Kb / 41P
4-megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
AT25DF081 ATMEL-AT25DF081 Datasheet
784Kb / 38P
8-megabit 1.65-volt Minimum SPI Serial Flash Memory
AT25DF321A ATMEL-AT25DF321A Datasheet
1Mb / 58P
32-Megabit 2.7-volt Minimum SPI Serial Flash Memory
AT25DF641 ATMEL-AT25DF641 Datasheet
1Mb / 59P
64-Megabit 2.7-volt Minimum SPI Serial Flash Memory
AT26DF081A ATMEL-AT26DF081A_09 Datasheet
850Kb / 40P
8-megabit 2.7-volt Minimum SPI Serial Flash Memory
AT25DF021 ATMEL-AT25DF021_09 Datasheet
972Kb / 41P
2-Megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
AT25DF161 ATMEL-AT25DF161 Datasheet
1Mb / 60P
16-Megabit 2.7-volt Minimum SPI Serial Flash Memory
logo
List of Unclassifed Man...
AT25BCM512B ETC2-AT25BCM512B Datasheet
701Kb / 33P
512-Kilobit 2.7-Volt Minimum SPI Serial Flash Memory
AT25BCM512B ETC2-AT25BCM512B_12 Datasheet
696Kb / 34P
512-Kilobit 2.7-volt Minimum SPI Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com