Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF321 Datasheet(PDF) 28 Page - ATMEL Corporation

Part # AT25DF321
Description  32-megabit 2.7-volt Minimum SPI Serial Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF321 Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button AT25DF321_09 Datasheet HTML 24Page - ATMEL Corporation AT25DF321_09 Datasheet HTML 25Page - ATMEL Corporation AT25DF321_09 Datasheet HTML 26Page - ATMEL Corporation AT25DF321_09 Datasheet HTML 27Page - ATMEL Corporation AT25DF321_09 Datasheet HTML 28Page - ATMEL Corporation AT25DF321_09 Datasheet HTML 29Page - ATMEL Corporation AT25DF321_09 Datasheet HTML 30Page - ATMEL Corporation AT25DF321_09 Datasheet HTML 31Page - ATMEL Corporation AT25DF321_09 Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
28
3669B–DFLASH–6/09
AT25DF321
12. Electrical Specifications
12.1 Absolute Maximum Ratings*
Temperature Under Bias................................ -55
°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect
device reliability.
Storage Temperature ..................................... -65
°C to +150°C
All Input Voltages
(including NC Pins)
with Respect to Ground .....................................-0.6V to +4.1V
All Output Voltages
with Respect to Ground .............................-0.6V to VCC + 0.5V
12.2 DC and AC Operating Range
AT25DF321
Operating Temperature (Case)
Ind.
-40
°C to +85°C
VCC Power Supply
2.7V to 3.6V
12.3 DC Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
ISB
Standby Current
CS, WP, HOLD = VCC,
all inputs at CMOS levels
25
35
µA
IDPD
Deep Power-Down Current
CS, WP, HOLD = VCC,
all inputs at CMOS levels
15
25
µA
ICC1
Active Current, Read Operation
f = 70 MHz, IOUT = 0 mA,
CS = VIL, VCC = Max
11
16
mA
f = 66 MHz, IOUT = 0 mA,
CS = VIL, VCC = Max
10
15
f = 50 MHz; IOUT = 0 mA,
CS = VIL, VCC = Max
914
f = 33 MHz, IOUT = 0 mA,
CS = VIL, VCC = Max
812
f = 20 MHz, IOUT = 0 mA,
CS = VIL, VCC = Max
710
ICC2
Active Current, Program Operation
CS = VCC, VCC = Max
12
18
mA
ICC3
Active Current, Erase Operation
CS = VCC, VCC = Max
14
20
mA
ILI
Input Leakage Current
VIN = CMOS levels
1
µA
ILO
Output Leakage Current
VOUT = CMOS levels
1
µA
VIL
Input Low Voltage
0.3 x VCC
V
VIH
Input High Voltage
0.7 x VCC
V
VOL
Output Low Voltage
IOL = 1.6 mA, VCC = Min
0.4
V
VOH
Output High Voltage
IOH = -100 µA
VCC - 0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com