Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF321 Datasheet(PDF) 29 Page - ATMEL Corporation

Part # AT25DF321
Description  32-megabit 2.7-volt Minimum SPI Serial Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF321 Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button AT25DF321_09 Datasheet HTML 25Page - ATMEL Corporation AT25DF321_09 Datasheet HTML 26Page - ATMEL Corporation AT25DF321_09 Datasheet HTML 27Page - ATMEL Corporation AT25DF321_09 Datasheet HTML 28Page - ATMEL Corporation AT25DF321_09 Datasheet HTML 29Page - ATMEL Corporation AT25DF321_09 Datasheet HTML 30Page - ATMEL Corporation AT25DF321_09 Datasheet HTML 31Page - ATMEL Corporation AT25DF321_09 Datasheet HTML 32Page - ATMEL Corporation AT25DF321_09 Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
29
3669B–DFLASH–6/09
AT25DF321
Notes: 1. Not 100% tested (value guaranteed by design and characterization).
2. 15 pF load at 70 MHz, 30 pF load at 66 MHz.
3. Only applicable as a constraint for the Write Status Register command when SPRL = 1.
12.4 AC Characteristics
Symbol
Parameter
Min
Max
Units
fSCK
Serial Clock (SCK) Frequency
70
MHz
fRDLF
SCK Frequency for Read Array (Low Frequency – 03h opcode)
33
MHz
tSCKH
SCK High Time
6.8
ns
tSCKL
SCK Low Time
6.8
ns
tSCKR
(1)
SCK Rise Time, Peak-to-Peak (Slew Rate)
0.1
V/ns
tSCKF(1)
SCK Fall Time, Peak-to-Peak (Slew Rate)
0.1
V/ns
tCSH
Chip Select High Time
50
ns
tCSLS
Chip Select Low Setup Time (relative to SCK)
5
ns
tCSLH
Chip Select Low Hold Time (relative to SCK)
5
ns
tCSHS
Chip Select High Setup Time (relative to SCK)
5
ns
tCSHH
Chip Select High Hold Time (relative to SCK)
5
ns
tDS
Data In Setup Time
2
ns
tDH
Data In Hold Time
3
ns
tDIS
(1)
Output Disable Time
6ns
tV(2)
Output Valid Time
6ns
tOH
Output Hold Time
0
ns
tHLS
HOLD Low Setup Time (relative to SCK)
5
ns
tHLH
HOLD Low Hold Time (relative to SCK)
5
ns
tHH
HOLD High Setup Time (relative to SCK)
5
ns
tHHH
HOLD High Hold Time (relative to SCK)
5
ns
tHLQZ(1)
HOLD Low to Output High-Z
6
ns
tHHQX
(1)
HOLD High to Output Low-Z
6
tWPS
(1)(3)
Write Protect Setup Time
20
ns
tWPH(1)(3)
Write Protect Hold Time
100
ns
tSECP
(1)
Sector Protect Time (from Chip Select High)
20
ns
tSECUP
(1)
Sector Unprotect Time (from Chip Select High)
20
ns
tEDPD(1)
Chip Select High to Deep Power-Down
3
µs
tRDPD
(1)
Chip Select High to Standby Mode
3
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com