Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF021 Datasheet(PDF) 19 Page - ATMEL Corporation

Part # AT25DF021
Description  2-Megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF021 Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button AT25DF021_09 Datasheet HTML 15Page - ATMEL Corporation AT25DF021_09 Datasheet HTML 16Page - ATMEL Corporation AT25DF021_09 Datasheet HTML 17Page - ATMEL Corporation AT25DF021_09 Datasheet HTML 18Page - ATMEL Corporation AT25DF021_09 Datasheet HTML 19Page - ATMEL Corporation AT25DF021_09 Datasheet HTML 20Page - ATMEL Corporation AT25DF021_09 Datasheet HTML 21Page - ATMEL Corporation AT25DF021_09 Datasheet HTML 22Page - ATMEL Corporation AT25DF021_09 Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
19
3677D–DFLASH–04/09
AT25DF021
10. Security Commands
10.1 Program OTP Security Register
The device contains a specialized OTP (One-Time Programmable) Security Register that can be
used for purposes such as unique device serialization, system-level Electronic Serial Number
(ESN) storage, locked key storage, etc. The OTP Security Register is independent of the main
Flash memory array and is comprised of a total of 128 bytes of memory divided into two por-
tions. The first 64 bytes (byte locations 0 through 63) of the OTP Security Register are allocated
as a one-time user-programmable space. Once these 64 bytes have been programmed, they
cannot be erased or reprogrammed. The remaining 64 bytes of the OTP Security Register (byte
locations 64 through 127) are factory programmed by Atmel and will contain a unique value for
each device. The factory programmed data is fixed and cannot be changed.
The user-programmable portion of the OTP Security Register does not need to be erased before
it is programmed. In addition, the Program OTP Security Register command operates on the
entire 64-byte user-programmable portion of the OTP Security Register at one time. Once the
user-programmable space has been programmed with any number of bytes, the user-program-
mable space cannot be programmed again; therefore, it is not possible to only program the first
two bytes of the register and then program the remaining 62 bytes at a later time.
Before the Program OTP Security Register command can be issued, the Write Enable command
must have been previously issued to set the WEL bit in the Status Register to a logical “1”. To
program the OTP Security Register, the CS pin must first be asserted and an opcode of 9Bh
must be clocked into the device followed by the three address bytes denoting the first byte
Table 9-5.
Hardware and Software Locking
WP
SPRL
Locking
SPRL Change Allowed
Sector Protection Registers
0
0
Can be modified from 0 to 1
Unlocked and modifiable using the
Protect and Unprotect Sector commands.
Global Protect and Unprotect can also be
performed.
01
Hardware
Locked
Locked
Locked in current state. Protect and
Unprotect Sector commands will be
ignored. Global Protect and Unprotect
cannot be performed.
1
0
Can be modified from 0 to 1
Unlocked and modifiable using the
Protect and Unprotect Sector commands.
Global Protect and Unprotect can also be
performed.
11
Software
Locked
Can be modified from 1 to 0
Locked in current state. Protect and
Unprotect Sector commands will be
ignored. Global Protect and Unprotect
cannot be performed.
Table 10-1.
OTP Security Register
Security Register
Byte Number
01
. . .
62
63
64
65
. . .
126
127
One-Time User Programmable
Factory Programmed by Atmel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com