Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF021 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT25DF021
Description  2-Megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF021 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT25DF021_09 Datasheet HTML 1Page - ATMEL Corporation AT25DF021_09 Datasheet HTML 2Page - ATMEL Corporation AT25DF021_09 Datasheet HTML 3Page - ATMEL Corporation AT25DF021_09 Datasheet HTML 4Page - ATMEL Corporation AT25DF021_09 Datasheet HTML 5Page - ATMEL Corporation AT25DF021_09 Datasheet HTML 6Page - ATMEL Corporation AT25DF021_09 Datasheet HTML 7Page - ATMEL Corporation AT25DF021_09 Datasheet HTML 8Page - ATMEL Corporation AT25DF021_09 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
Features
• Single 2.3V - 3.6V or 2.7V - 3.6V Supply
• Serial Peripheral Interface (SPI) Compatible
– Supports SPI Modes 0 and 3
• 66 MHz Maximum Operating Frequency
– Clock-to-Output (tV) of 6 ns Maximum
• Flexible, Optimized Erase Architecture for Code + Data Storage Applications
– Uniform 4-Kbyte Block Erase
– Uniform 32-Kbyte Block Erase
– Uniform 64-Kbyte Block Erase
– Full Chip Erase
• Individual Sector Protection with Global Protect/Unprotect Feature
– Four Sectors of 64 Kbytes Each
• Hardware Controlled Locking of Protected Sectors via WP Pin
• 128-Byte Programmable OTP Security Register
• Flexible Programming
– Byte/Page Program (1 to 256 Bytes)
• Fast Program and Erase Times
– 1.0 ms Typical Page Program (256 Bytes) Time
– 50 ms Typical 4-Kbyte Block Erase Time
– 250 ms Typical 32-Kbyte Block Erase Time
– 450 ms Typical 64-Kbyte Block Erase Time
• Automatic Checking and Reporting of Erase/Program Failures
• JEDEC Standard Manufacturer and Device ID Read Methodology
• Low Power Dissipation
– 7 mA Active Read Current (Typical at 20 MHz)
– 15 µA Deep Power-Down Current (Typical)
• Endurance: 100,000 Program/Erase Cycles
• Data Retention: 20 Years
• Complies with Full Industrial Temperature Range
• Industry Standard Green (Pb/Halide-free/RoHS Compliant) Package Options
– 8-lead SOIC (150-mil Wide)
– 8-pad Ultra Thin DFN (5 x 6 x 0.6 mm)
1. Description
The AT25DF021 is a serial interface Flash memory device designed for use in a wide
variety of high-volume consumer based applications in which program code is shad-
owed from Flash memory into embedded or external RAM for execution. The flexible
erase architecture of the AT25DF021, with its erase granularity as small as 4 Kbytes,
makes it ideal for data storage as well, eliminating the need for additional data storage
EEPROM devices.
2-Megabit
2.3-volt or
2.7-volt
Minimum
SPI Serial Flash
Memory
AT25DF021
3677D–DFLASH–04/09


Similar Part No. - AT25DF021_09

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25DF021-MH-T ATMEL-AT25DF021-MH-T Datasheet
347Kb / 16P
2-Megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
logo
List of Unclassifed Man...
AT25DF021-MH-T ETC2-AT25DF021-MH-T Datasheet
914Kb / 41P
2-Megabit 2.3Volt or 2.7-Volt Minimum SPI Serial Falsh Memory
logo
ATMEL Corporation
AT25DF021-MH-Y ATMEL-AT25DF021-MH-Y Datasheet
347Kb / 16P
2-Megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
logo
List of Unclassifed Man...
AT25DF021-MH-Y ETC2-AT25DF021-MH-Y Datasheet
914Kb / 41P
2-Megabit 2.3Volt or 2.7-Volt Minimum SPI Serial Falsh Memory
logo
ATMEL Corporation
AT25DF021-MHF-T ATMEL-AT25DF021-MHF-T Datasheet
347Kb / 16P
2-Megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
More results

Similar Description - AT25DF021_09

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25DF021 ATMEL-AT25DF021 Datasheet
347Kb / 16P
2-Megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
AT25DF041A ATMEL-AT25DF041A_08 Datasheet
868Kb / 41P
4-megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
AT25DF081 ATMEL-AT25DF081 Datasheet
784Kb / 38P
8-megabit 1.65-volt Minimum SPI Serial Flash Memory
AT25DF321A ATMEL-AT25DF321A Datasheet
1Mb / 58P
32-Megabit 2.7-volt Minimum SPI Serial Flash Memory
AT25DF641 ATMEL-AT25DF641 Datasheet
1Mb / 59P
64-Megabit 2.7-volt Minimum SPI Serial Flash Memory
AT26DF081A ATMEL-AT26DF081A_09 Datasheet
850Kb / 40P
8-megabit 2.7-volt Minimum SPI Serial Flash Memory
AT25DF041A ATMEL-AT25DF041A_09 Datasheet
869Kb / 41P
4-megabit 2.3-volt or 2.7volt Minimum SPI Serial Flash Memory
AT25DF321 ATMEL-AT25DF321_09 Datasheet
842Kb / 37P
32-megabit 2.7-volt Minimum SPI Serial Flash Memory
AT25DF161 ATMEL-AT25DF161 Datasheet
1Mb / 60P
16-Megabit 2.7-volt Minimum SPI Serial Flash Memory
logo
List of Unclassifed Man...
AT25DF021 ETC2-AT25DF021_12 Datasheet
914Kb / 41P
2-Megabit 2.3Volt or 2.7-Volt Minimum SPI Serial Falsh Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com