Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF021 Datasheet(PDF) 40 Page - ATMEL Corporation

Part # AT25DF021
Description  2-Megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF021 Datasheet(HTML) 40 Page - ATMEL Corporation

Back Button AT25DF021_09 Datasheet HTML 33Page - ATMEL Corporation AT25DF021_09 Datasheet HTML 34Page - ATMEL Corporation AT25DF021_09 Datasheet HTML 35Page - ATMEL Corporation AT25DF021_09 Datasheet HTML 36Page - ATMEL Corporation AT25DF021_09 Datasheet HTML 37Page - ATMEL Corporation AT25DF021_09 Datasheet HTML 38Page - ATMEL Corporation AT25DF021_09 Datasheet HTML 39Page - ATMEL Corporation AT25DF021_09 Datasheet HTML 40Page - ATMEL Corporation AT25DF021_09 Datasheet HTML 41Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 40 / 41 page
background image
40
3677D–DFLASH–04/09
AT25DF021
18. Revision History
Revision Level – Release Date
History
A – February 2008
Initial release
B – May 2008
Changed Deep Power-Down current specifications
– Changed typical value from 4 µA to 8 µA
– Changed maximum value from 8 µA to 15 µA
Changed typical 64 KB Block Erase time from 400 ms to 450 ms
Changed typical Chip Erase time from 1.5s to 2.0s
Changed tVCSL time from 1.0 ms minimum to 1.2 ms minimum
Changed VPOR maximum from 2.5V to 2.2V
C – September 2008
Removed “Preliminary” designation from datasheet
Changed maximum clock frequency from 70 MHz to 66 MHz
Changed maximum Standby Current value from 35 µA to 50 µA
Changed Deep Power-Down Current specifications
– Changed typical value from 8 µA to 15 µA
– Changed maximum value from 15 µA to 25 µA
D – April 2009
Added System Considerations Section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com