Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF021 Datasheet(PDF) 32 Page - ATMEL Corporation

Part # AT25DF021
Description  2-Megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF021 Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button AT25DF021_09 Datasheet HTML 28Page - ATMEL Corporation AT25DF021_09 Datasheet HTML 29Page - ATMEL Corporation AT25DF021_09 Datasheet HTML 30Page - ATMEL Corporation AT25DF021_09 Datasheet HTML 31Page - ATMEL Corporation AT25DF021_09 Datasheet HTML 32Page - ATMEL Corporation AT25DF021_09 Datasheet HTML 33Page - ATMEL Corporation AT25DF021_09 Datasheet HTML 34Page - ATMEL Corporation AT25DF021_09 Datasheet HTML 35Page - ATMEL Corporation AT25DF021_09 Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
32
3677D–DFLASH–04/09
AT25DF021
VIH
Input High Voltage
0.7 x VCC
V
VOL
Output Low Voltage
IOL = 1.6 mA; VCC = Min
0.4
V
VOH
Output High Voltage
IOH = -100 µA; VCC = Min
VCC - 0.2V
V
14.4 AC Characteristics - Maximum Clock Frequencies
Symbol
Parameter
AT25DF021
(2.3V Version)
AT25DF021
(2.7V Version)
Units
MinMax
MinMax
fCLK
Maximum Clock Frequency for All Operations
(excluding 03h opcode)
50
66
MHz
fRDLF
Maximum Clock Frequency for 03h Opcode
(Read Array – Low Frequency)
33
33
MHz
14.5 AC Characteristics – All Other Parameters
Symbol
Parameter
AT25DF021
(2.3V Version)
AT25DF021
(2.7V Version)
Units
Min
Max
Min
Max
tCLKH
Clock High Time
8.0
6.4
ns
tCLKL
Clock Low Time
8.0
6.4
ns
tCLKR(1)
Clock Rise Time, Peak-to-Peak (Slew Rate)
0.1
0.1
V/ns
tCLKF
(1)
Clock Fall Time, Peak-to-Peak (Slew Rate)
0.1
0.1
V/ns
tCSH
Chip Select High Time
50
50
ns
tCSLS
Chip Select Low Setup Time (relative to Clock)
5
5
ns
tCSLH
Chip Select Low Hold Time (relative to Clock)
5
5
ns
tCSHS
Chip Select High Setup Time (relative to Clock)
5
5
ns
tCSHH
Chip Select High Hold Time (relative to Clock)
5
5
ns
tDS
Data In Setup Time
2
2
ns
tDH
Data In Hold Time
3
3
ns
tDIS(1)
Output Disable Time
7
6
ns
tV
(2)
Output Valid Time
7
6
ns
tOH
Output Hold Time
0
0
ns
tHLS
HOLD Low Setup Time (relative to Clock)
5
5
ns
tHLH
HOLD Low Hold Time (relative to Clock)
5
5
ns
tHHS
HOLD High Setup Time (relative to Clock)
5
5
ns
tHHH
HOLD High Hold Time (relative to Clock)
5
5
ns
tHLQZ
(1)
HOLD Low to Output High-Z
7
6
ns
tHHQX(1)
HOLD High to Output Low-Z
7
6
ns
14.3 DC Characteristics (Continued)
Symbol
Parameter
Condition
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com