Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT34C02C Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT34C02C
Description  Two-wire Automotive Temperature Serial EEPROM with Permanent and Reversible Software Write Protect
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT34C02C Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT34C02C Datasheet HTML 7Page - ATMEL Corporation AT34C02C Datasheet HTML 8Page - ATMEL Corporation AT34C02C Datasheet HTML 9Page - ATMEL Corporation AT34C02C Datasheet HTML 10Page - ATMEL Corporation AT34C02C Datasheet HTML 11Page - ATMEL Corporation AT34C02C Datasheet HTML 12Page - ATMEL Corporation AT34C02C Datasheet HTML 13Page - ATMEL Corporation AT34C02C Datasheet HTML 14Page - ATMEL Corporation AT34C02C Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
5242B–SEEPR–01/09
AT34C02C
Once the device address with the read/write select bit set to one is clocked in and acknowledged
by the EEPROM, the current address data word is serially clocked out. To end the command,
the microcontroller does not respond with an input zero but does generate a following stop con-
dition (see Figure 13 on page 12).
RANDOM READ: A random read requires a “dummy” byte write sequence to load in the data
word address. Once the device address word and data word address are clocked in and
acknowledged by the EEPROM, the microcontroller must generate another start condition. The
microcontroller now initiates a current address read by sending a device address with the
read/write select bit high. The EEPROM acknowledges the device address and serially clocks
out the data word. To end the command, the microcontroller does not respond with a zero but
does generate a following stop condition (see Figure 14 on page 12).
SEQUENTIAL READ: Sequential reads are initiated by either a current address read or a ran-
dom address read. After the microcontroller receives a data word, it responds with an
acknowledge. As long as the EEPROM receives an acknowledge, it will continue to increment
the data word address and serially clock out sequential data words. When the memory address
limit is reached, the data word address will “roll over” and the sequential read will continue. The
sequential read operation is terminated when the microcontroller does not respond with a zero
but does generate a following stop condition (see Figure 15 on page 13).
PERMANENT WRITE PROTECT REGISTER (PSWP) STATUS: To find out if the register has
been programmed, the same procedure is used as to program the register except that the
R/W bit is set to 1. If the device sends an acknowledge, then the permanent write protect
register has not been programmed. Otherwise, it has been programmed and the device is
permanently write protected at the first half of the array.
Table 10. PSWP Status
REVERSIBLE WRITE PROTECT REGISTER(RSWP) STATUS: To find out if the register has
been programmed, the same procedure is used as to program the register except that the
R/W bit is set to 1. If the sends an device acknowledge, then the reversible write protect
register has not been programmed. Otherwise, it has been programmed and the device is
write protected (reversible) at the first half of the array.
Figure 10. Device Address
Pin
Preamble
RW
Command
A2
A1
A0
B7
B6
B5
B4
B3
B2
B1
B0
Read PSWP
A2
A1
A0
0
1
1
0
A2
A1
A0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com