Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT34C02C Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT34C02C
Description  Two-wire Automotive Temperature Serial EEPROM with Permanent and Reversible Software Write Protect
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT34C02C Datasheet(HTML) 2 Page - ATMEL Corporation

  AT34C02C Datasheet HTML 1Page - ATMEL Corporation AT34C02C Datasheet HTML 2Page - ATMEL Corporation AT34C02C Datasheet HTML 3Page - ATMEL Corporation AT34C02C Datasheet HTML 4Page - ATMEL Corporation AT34C02C Datasheet HTML 5Page - ATMEL Corporation AT34C02C Datasheet HTML 6Page - ATMEL Corporation AT34C02C Datasheet HTML 7Page - ATMEL Corporation AT34C02C Datasheet HTML 8Page - ATMEL Corporation AT34C02C Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
5242B–SEEPR–01/09
AT34C02C
Figure 1. Block Diagram
Pin Description
SERIAL CLOCK (SCL): The SCL input is used to positive edge clock data into each EEPROM
device and negative edge clock data out of each device.
SERIAL DATA (SDA): The SDA pin is bidirectional for serial data transfer. This pin is open-
drain driven and may be wire-ORed with any number of other open-drain or open collector
devices.
DEVICE/PAGE ADDRESSES (A2, A1, A0): The A2, A1, and A0 pins are device address inputs
that are hardwired (directly to GND or to Vcc) for compatibility with other AT24Cxx devices.
When the pins are hardwired, as many as eight 2K devices may be addressed on a single bus
system. (Device addressing is discussed in detail under “Device Addressing,” page 9.) A device
is selected when a corresponding hardware and software match is true. If these pins are left
floating, the A2, A1, and A0 pins will be internally pulled down to GND. However, due to capaci-
Absolute Maximum Ratings*
Operating Temperature..................................–55°C to +125 °C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect
device reliability.
Storage Temperature .....................................–65 °C to +150°C
Voltage on Any Pin
with Respect to Ground .................................... –1.0V to +7.0V
Maximum Operating Voltage .......................................... 6.25V
DC Output Current........................................................ 5.0 mA
DOUT/ACK
LOGIC
DOUT
DIN
A0
SDA
GND
A1
SCL
VCC
A2
Y DEC
DATA WORD
ADDR/COUNTER
SERIAL
CONTROL
LOGIC
START
STOP
LOGIC
DEVICE
ADDRESS
COMPARATOR
SERIAL MUX
EEPROM
EN
COMP
INC
LOAD
LOAD
R/W
H.V. PUMP/TIMING
DATA RECOVERY
WP
WRITE PROTECT
CIRCUITRY
SOFTWARE WRITE
PROTECTED AREA
(00H - 7FH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com