Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT34C02C Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT34C02C
Description  Two-wire Automotive Temperature Serial EEPROM with Permanent and Reversible Software Write Protect
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT34C02C Datasheet(HTML) 4 Page - ATMEL Corporation

  AT34C02C Datasheet HTML 1Page - ATMEL Corporation AT34C02C Datasheet HTML 2Page - ATMEL Corporation AT34C02C Datasheet HTML 3Page - ATMEL Corporation AT34C02C Datasheet HTML 4Page - ATMEL Corporation AT34C02C Datasheet HTML 5Page - ATMEL Corporation AT34C02C Datasheet HTML 6Page - ATMEL Corporation AT34C02C Datasheet HTML 7Page - ATMEL Corporation AT34C02C Datasheet HTML 8Page - ATMEL Corporation AT34C02C Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
5242B–SEEPR–01/09
AT34C02C
Note:
1. This parameter is ensured by characterization only.
Memory
Organization
AT34C02C, 2K Serial EEPROM: The 2K is internally organized with 16 pages of 16 bytes each.
Random word addressing requires a 8-bit data word address.
Device
Operation
CLOCK and DATA TRANSITIONS: The SDA pin is normally pulled high with an external
device. Data on the SDA pin may change only during SCL low time periods (see Figure 4 on
page 6). Data changes during SCL high periods will indicate a start or stop condition as defined
below.
START CONDITION: A high-to-low transition of SDA with SCL high is a start condition which
must precede any other command (see Figure 5 on page 6).
STOP CONDITION: A low-to-high transition of SDA with SCL high is a stop condition. After a
read sequence, the stop command will place the EEPROM in a standby power mode (see Fig-
ure 5 on page 6).
ACKNOWLEDGE: All addresses and data words are serially transmitted to and from the
EEPROM in 8-bit words. The EEPROM sends a zero to acknowledge that it has received each
word. This happens during the ninth clock cycle.
Table 5. AC Characteristics
Applicable over recommended operating range from T
A = –40⋅C to +125⋅C, VCC = +2.5V to +5.5V, CL = 1 TTL Gate and
100 pF (unless otherwise noted)
Symbol
Parameter
AT34C02C
Units
Min
Max
fSCL
Clock Frequency, SCL
400
kHz
tLOW
Clock Pulse Width Low
1.2
µs
t
HIGH
Clock Pulse Width High
0.6
µs
tI
Noise Suppression Time(1)
50
ns
tAA
Clock Low to Data Out Valid
0.1
0.9
µs
tBUF
Time the bus must be free before a new
transmission can start(1)
1.2
µs
tHD.STA
Start Hold Time
0.6
µs
t
SU.STA
Start Set-up Time
0.6
µs
tHD.DAT
Data In Hold Time
0
µs
tSU.DAT
Data In Set-up Time
100
ns
t
R
Inputs Rise Time(1)
300
ns
tF
Inputs Fall Time(1)
300
ns
tSU.STO
Stop Set-up Time
0.6
µs
t
DH
Data Out Hold Time
50
ns
tWR
Write Cycle Time
5ms
Endurance(1)
25
⋅C, Page Mode
1M
Write
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com