Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT34C02C Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT34C02C
Description  Two-wire Automotive Temperature Serial EEPROM with Permanent and Reversible Software Write Protect
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT34C02C Datasheet(HTML) 1 Page - ATMEL Corporation

  AT34C02C Datasheet HTML 1Page - ATMEL Corporation AT34C02C Datasheet HTML 2Page - ATMEL Corporation AT34C02C Datasheet HTML 3Page - ATMEL Corporation AT34C02C Datasheet HTML 4Page - ATMEL Corporation AT34C02C Datasheet HTML 5Page - ATMEL Corporation AT34C02C Datasheet HTML 6Page - ATMEL Corporation AT34C02C Datasheet HTML 7Page - ATMEL Corporation AT34C02C Datasheet HTML 8Page - ATMEL Corporation AT34C02C Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Features
• Permanent and Reversible Software Write Protection for the First-half of the Array
– Software Procedure to Verify Write Protect Status
• Hardware Write Protection for the Entire Array
• Standard-voltage Operation
– 2.5 (V
CC = 2.5V to 5.5V)
• Internally Organized 256 x 8
• Two-wire Serial Interface
• Schmitt Trigger, Filtered Inputs for Noise Suppression
• Bidirectional Data Transfer Protocol
• 400 kHz (2.5V and 5.5V) Compatibility
• 16-byte Page Write Modes
• Partial Page Writes Are Allowed
• Self-timed Write Cycle (5 ms max)
• High-reliability
– Endurance: 1 Million Write Cycles
– Data Retention: 100 Years
• 8-lead JEDEC SOIC and 8-lead TSSOP Packages
Description
The AT34C02C provides 2048 bits of serial electrically-erasable and programmable
read only memory (EEPROM) organized as 256 words of 8 bits each. The first-half of
the device incorporates a permanent and a reversible software write protection feature
while hardware write protection for the entire array is available via an external pin.
Once the permanent software write protection is enabled, by sending a special com-
mand to the device, it cannot be reversed. However, the reversible software write
protection is enabled and can be reversed by sending a special command. The hard-
ware write protection is controlled with the WP pin and can be used to protect the
entire array, whether or not the software write protection has been enabled. This
allows the user to protect none, first-half, or all of the array depending on the applica-
tion. The device is optimized for use in many industrial and commercial applications
where low-power and low-voltage operations are essential. The AT34C02C is avail-
able in space saving 8-lead JEDEC SOIC and 8-lead TSSOP packages and is
accessed via a Two-wire serial interface. It is available in 2.5V (2.5V to 5.5V).
Table 1. Pin Configurations
Pin Name
Function
A0 - A2
Address Inputs
SDA
Serial Data
SCL
Serial Clock Input
WP
Write Protect
Two-wire
Automotive
Temperature
Serial EEPROM
with Permanent
and Reversible
Software Write
Protect
2K (256 x 8)
AT34C02C
Rev. 5242B–SEEPR–01/09
8-lead SOIC
1
2
3
4
8
7
6
5
A0
A1
A2
GND
VCC
WP
SCL
SDA
8-lead TSSOP
1
2
3
4
8
7
6
5
A0
A1
A2
GND
VCC
WP
SCL
SDA


Similar Part No. - AT34C02C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT34C02C ATMEL-AT34C02C Datasheet
370Kb / 20P
Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect
AT34C02C ATMEL-AT34C02C Datasheet
658Kb / 25P
Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect 2K (256 x 8)
AT34C02C-TH-B ATMEL-AT34C02C-TH-B Datasheet
658Kb / 25P
Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect 2K (256 x 8)
AT34C02C-TH-T ATMEL-AT34C02C-TH-T Datasheet
658Kb / 25P
Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect 2K (256 x 8)
AT34C02CN-SH-B ATMEL-AT34C02CN-SH-B Datasheet
658Kb / 25P
Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect 2K (256 x 8)
More results

Similar Description - AT34C02C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24CS128 ATMEL-AT24CS128 Datasheet
207Kb / 12P
2-Wire Serial EEPROMs with Permanent Software Write Protect
AT34C02 ATMEL-AT34C02 Datasheet
184Kb / 12P
2-Wire Serial EEPROM with Permanent Software Write Protect
AT34C02 ATMEL-AT34C02_07 Datasheet
487Kb / 21P
Two-wire Serial EEPROM with Permanent Software Write Protect
AT34C02B ATMEL-AT34C02B Datasheet
466Kb / 21P
Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect
AT34C02C ATMEL-AT34C02C Datasheet
370Kb / 20P
Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect
AT34C02C ATMEL-AT34C02C_08 Datasheet
658Kb / 25P
Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect 2K (256 x 8)
AT34C02D ATMEL-AT34C02D_14 Datasheet
756Kb / 25P
Permanent and Reversible Software Write Protection
logo
Microchip Technology
24AA52 MICROCHIP-24AA52_11 Datasheet
822Kb / 36P
EEPROM with Software Write-Protect
08/02/11
34AA04 MICROCHIP-34AA04 Datasheet
666Kb / 36P
4K I2C??Serial EEPROM with Software Write-Protect
03/25/14
logo
AiT Semiconductor Inc.
A34C04 AITSEMI-A34C04 Datasheet
638Kb / 19P
EEPROM W/PERMANENT SW WRITE PROTECT 4-Kbit (512횞8) TWO-WIRE SERIAL EEPROM
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com