Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny85-15ST Datasheet(PDF) 87 Page - ATMEL Corporation

Part # ATtiny85-15ST
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny85-15ST Datasheet(HTML) 87 Page - ATMEL Corporation

Back Button ATtiny85-15ST Datasheet HTML 83Page - ATMEL Corporation ATtiny85-15ST Datasheet HTML 84Page - ATMEL Corporation ATtiny85-15ST Datasheet HTML 85Page - ATMEL Corporation ATtiny85-15ST Datasheet HTML 86Page - ATMEL Corporation ATtiny85-15ST Datasheet HTML 87Page - ATMEL Corporation ATtiny85-15ST Datasheet HTML 88Page - ATMEL Corporation ATtiny85-15ST Datasheet HTML 89Page - ATMEL Corporation ATtiny85-15ST Datasheet HTML 90Page - ATMEL Corporation ATtiny85-15ST Datasheet HTML 91Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 196 page
background image
87
7598H–AVR–07/09
ATtiny25/45/85
14.1.5
Timer/Counter1 Output Compare RegisterB - OCR1B
The output compare register B is an 8-bit read/write register.
The Timer/Counter Output Compare Register B contains data to be continuously compared with
Timer/Counter1. Actions on compare matches are specified in TCCR1. A compare match does
only occur if Timer/Counter1 counts to the OCR1B value. A software write that sets TCNT1 and
OCR1B to the same value does not generate a compare match.
A compare match will set the compare interrupt flag OCF1B after a synchronization delay follow-
ing the compare event.
14.1.6
Timer/Counter1 Output Compare RegisterC - OCR1C
The output compare register C is an 8-bit read/write register.
The Timer/Counter Output Compare Register C contains data to be continuously compared with
Timer/Counter1. A compare match does only occur if Timer/Counter1 counts to the OCR1C
value. A software write that sets TCNT1 and OCR1C to the same value does not generate a
compare match. If the CTC1 bit in TCCR1 is set, a compare match will clear TCNT1.
This register has the same function in normal mode and PWM mode.
14.1.7
Timer/Counter Interrupt Mask Register - TIMSK
• Bit 7 - Res: Reserved Bit
This bit is a reserved bit in the ATtiny25/45/85 and always reads as zero.
• Bit 6 - OCIE1A: Timer/Counter1 Output Compare Interrupt Enable
When the OCIE1A bit is set (one) and the I-bit in the Status Register is set (one), the
Timer/Counter1 Compare MatchA, interrupt is enabled. The corresponding interrupt at vector
$003 is executed if a compare matchA occurs. The Compare Flag in Timer/Counter1 is set (one)
in the Timer/Counter Interrupt Flag Register.
• Bit 5 - OCIE1B: Timer/Counter1 Output Compare Interrupt Enable
When the OCIE1B bit is set (one) and the I-bit in the Status Register is set (one), the
Timer/Counter1 Compare MatchB, interrupt is enabled. The corresponding interrupt at vector
$009 is executed if a compare matchB occurs. The Compare Flag in Timer/Counter1 is set (one)
in the Timer/Counter Interrupt Flag Register.
Bit
7
6
543210
$2D ($4D)
MSB
LSB
OCR1B
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
0
0
000000
Bit
765
43210
$2B ($4B)
MSB
LSB
OCR1C
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
111
11111
Bit
7
6
5
4
3
2
1
0
$39 ($59)
-
OCIE1A
OCIE1B
OCIE0A
OCIE0B
TOIE1
TOIE0
-
TIMSK
Read/Write
R
R/W
R/W
R/W
R/W
R/W
R/W
R
Initial value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com