Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny85-15ST Datasheet(PDF) 31 Page - ATMEL Corporation

Part # ATtiny85-15ST
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny85-15ST Datasheet(HTML) 31 Page - ATMEL Corporation

Back Button ATtiny85-15ST Datasheet HTML 27Page - ATMEL Corporation ATtiny85-15ST Datasheet HTML 28Page - ATMEL Corporation ATtiny85-15ST Datasheet HTML 29Page - ATMEL Corporation ATtiny85-15ST Datasheet HTML 30Page - ATMEL Corporation ATtiny85-15ST Datasheet HTML 31Page - ATMEL Corporation ATtiny85-15ST Datasheet HTML 32Page - ATMEL Corporation ATtiny85-15ST Datasheet HTML 33Page - ATMEL Corporation ATtiny85-15ST Datasheet HTML 34Page - ATMEL Corporation ATtiny85-15ST Datasheet HTML 35Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 196 page
background image
31
7598H–AVR–07/09
ATtiny25/45/85
7.
Power Management and Sleep Modes
The high performance and industry leading code efficiency makes the AVR microcontrollers an
ideal choise for low power applications.
Sleep modes enable the application to shut down unused modules in the MCU, thereby saving
power. The AVR provides various sleep modes allowing the user to tailor the power consump-
tion to the application’s requirements.
To enter any of the three sleep modes, the SE bit in MCUCR must be written to logic one and a
SLEEP instruction must be executed. The SM1..0 bits in the MCUCR Register select which
sleep mode (Idle, ADC Noise Reduction, or Power-down) will be activated by the SLEEP instruc-
tion. See Table 7-1 for a summary. If an enabled interrupt occurs while the MCU is in a sleep
mode, the MCU wakes up. The MCU is then halted for four cycles in addition to the start-up time,
executes the interrupt routine, and resumes execution from the instruction following SLEEP. The
contents of the Register File and SRAM are unaltered when the device wakes up from sleep. If a
reset occurs during sleep mode, the MCU wakes up and executes from the Reset Vector.
Figure 6-1 on page 21 presents the different clock systems in the ATtiny25/45/85, and their dis-
tribution. The figure is helpful in selecting an appropriate sleep mode.
7.1
MCU Control Register – MCUCR
The MCU Control Register contains control bits for power management.
• Bit 7 – BODS: BOD Sleep
BOD disable functionality is available in some devices, only. See “Limitations” on page 33.
In order to disable BOD during sleep (see Table 7-2 on page 33) the BODS bit must be written to
logic one. This is controlled by a timed sequence and the enable bit, BODSE in MCUCR.
First,both BODS and BODSE must be set to one. Second, within four clock cycles, BODS must
be set to one and BODSE must be set to zero. The BODS bit is active three clock cycles after it
is set. A sleep instruction must be executed while BODS is active in order to turn off the BOD for
the actual sleep mode. The BODS bit is automatically cleared after three clock cycles.
In devices where Sleeping BOD has not been implemented this bit is unused and will always
read zero.
• Bit 5 – SE: Sleep Enable
The SE bit must be written to logic one to make the MCU enter the sleep mode when the SLEEP
instruction is executed. To avoid the MCU entering the sleep mode unless it is the programmer’s
purpose, it is recommended to write the Sleep Enable (SE) bit to one just before the execution of
the SLEEP instruction and to clear it immediately after waking up.
• Bits 4, 3 – SM1..0: Sleep Mode Select Bits 2..0
These bits select between the three available sleep modes as shown in Table 7-1.
Bit
765
432
10
BODS
PUD
SE
SM1
SM0
BODSE
ISC01
ISC00
MCUCR
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com