Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny85-15ST Datasheet(PDF) 91 Page - ATMEL Corporation

Part # ATtiny85-15ST
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny85-15ST Datasheet(HTML) 91 Page - ATMEL Corporation

Back Button ATtiny85-15ST Datasheet HTML 87Page - ATMEL Corporation ATtiny85-15ST Datasheet HTML 88Page - ATMEL Corporation ATtiny85-15ST Datasheet HTML 89Page - ATMEL Corporation ATtiny85-15ST Datasheet HTML 90Page - ATMEL Corporation ATtiny85-15ST Datasheet HTML 91Page - ATMEL Corporation ATtiny85-15ST Datasheet HTML 92Page - ATMEL Corporation ATtiny85-15ST Datasheet HTML 93Page - ATMEL Corporation ATtiny85-15ST Datasheet HTML 94Page - ATMEL Corporation ATtiny85-15ST Datasheet HTML 95Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 196 page
background image
91
7598H–AVR–07/09
ATtiny25/45/85
Figure 14-5. Effects of Unsynchronized OCR Latching
During the time between the write and the latch operation, a read from OCR1A or OCR1B will
read the contents of the temporary location. This means that the most recently written value
always will read out of OCR1A or OCR1B.
When OCR1A or OCR1B contain $00 or the top value, as specified in OCR1C register, the out-
put PB1(OC1A) or PB3(OC1B) is held low or high according to t h e setting s of
COM1A1/COM1A0. This is shown in Table 14-5.
In PWM mode, the Timer Overflow Flag - TOV1 is set when the TCNT1 counts to the OCR1C
value and the TCNT1 is reset to $00. The Timer Overflow Interrupt1 is executed when TOV1 is
set provided that Timer Overflow Interrupt and global interrupts are enabled. This also applies to
the Timer Output Compare flags and interrupts.
The frequency of the PWM will be Timer Clock 1 Frequency divided by (OCR1C value + 1). See
the following equation:
Table 14-5.
PWM Outputs OCR1x = $00 or OCR1C, x = A or B
COM1x1
COM1x0
OCR1x
Output OC1x
Output OC1x
0
1
$00
L
H
0
1
OCR1C
H
L
1
0
$00
L
Not connected.
1
0
OCR1C
H
Not connected.
1
1
$00
H
Not connected.
1
1
OCR1C
L
Not connected.
PWM Output OC1x
PWM Output OC1x
Unsynchronized OC1x Latch
Synchronized OC1x Latch
Counter Value
Compare Value
Counter Value
Compare Value
Compare Value changes
Glitch
Compare Value changes
f
PWM
f
TCK1
OCR1C + 1
()
------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com