Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny85-15ST Datasheet(PDF) 37 Page - ATMEL Corporation

Part # ATtiny85-15ST
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny85-15ST Datasheet(HTML) 37 Page - ATMEL Corporation

Back Button ATtiny85-15ST Datasheet HTML 33Page - ATMEL Corporation ATtiny85-15ST Datasheet HTML 34Page - ATMEL Corporation ATtiny85-15ST Datasheet HTML 35Page - ATMEL Corporation ATtiny85-15ST Datasheet HTML 36Page - ATMEL Corporation ATtiny85-15ST Datasheet HTML 37Page - ATMEL Corporation ATtiny85-15ST Datasheet HTML 38Page - ATMEL Corporation ATtiny85-15ST Datasheet HTML 39Page - ATMEL Corporation ATtiny85-15ST Datasheet HTML 40Page - ATMEL Corporation ATtiny85-15ST Datasheet HTML 41Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 196 page
background image
37
7598H–AVR–07/09
ATtiny25/45/85
Figure 8-2.
MCU Start-up, RESET Tied to V
CC
Figure 8-3.
MCU Start-up, RESET Extended Externally
Table 8-1.
Power On Reset Specifications
Note:
1. Before rising the supply has to be between VPORMIN and VPORMAX to ensure Reset.
8.4
External Reset
An External Reset is generated by a low level on the RESET pin if enabled. Reset pulses longer
than the minimum pulse width (see Table 8-1) will generate a reset, even if the clock is not run-
ning. Shorter pulses are not guaranteed to generate a reset. When the applied signal reaches
the Reset Threshold Voltage – V
RST – on its positive edge, the delay counter starts the MCU
after the Time-out period – t
TOUT – has expired.
Symbol
Parameter
Min
Typ
Max
Units
V
POT
Power-on Reset Threshold Voltage (rising)
1.1
1.4
1.7
V
Power-on Reset Threshold Voltage (falling)(1)
0.8
1.3
1.6
V
V
PORMAX
VCC Max. start voltage to ensure internal
Power-on Reset signal
0.4
V
VPORMIN
VCC Min. start voltage to ensure internal
Power-on Reset signal
-0.1
V
VCCRR
VCC Rise Rate to ensure Power-on Reset
0.01
V/ms
VRST
RESET Pin Threshold Voltage
0.1 V
CC
0.9V
CC
V
RESET
TIME-OUT
INTERNAL
RESET
t
TOUT
V
RST
V
PORMA
X
VCC
CCRR
V
V
PORMIN
RESET
TIME-OUT
INTERNAL
RESET
tTOUT
VRST
VCC
V
POT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com