Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16M1 Datasheet(PDF) 73 Page - ATMEL Corporation

Part # ATmega16M1
Description  8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16M1 Datasheet(HTML) 73 Page - ATMEL Corporation

Back Button ATmega16M1 Datasheet HTML 69Page - ATMEL Corporation ATmega16M1 Datasheet HTML 70Page - ATMEL Corporation ATmega16M1 Datasheet HTML 71Page - ATMEL Corporation ATmega16M1 Datasheet HTML 72Page - ATMEL Corporation ATmega16M1 Datasheet HTML 73Page - ATMEL Corporation ATmega16M1 Datasheet HTML 74Page - ATMEL Corporation ATmega16M1 Datasheet HTML 75Page - ATMEL Corporation ATmega16M1 Datasheet HTML 76Page - ATMEL Corporation ATmega16M1 Datasheet HTML 77Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 365 page
background image
73
7647F–AVR–04/09
ATmega16/32/64/M1/C1
• ADC10/ACMP1/PCINT14 – Bit 6
ADC10, Analog to Digital Converter, input channel 10.
ACMP1, Analog Comparator 1 Positive Input. Configure the port pin as input with the internal
pull-up switched off to avoid the digital port function from interfering with the function of the Ana-
log Comparator.
PCINT14, Pin Change Interrupt 14.
• ADC9/ACMP3/AMP1+/PCINT13 – Bit 5
ADC9, Analog to Digital Converter, input channel 9.
ACMP3, Analog Comparator 3 Positive Input. Configure the port pin as input with the internal
pull-up switched off to avoid the digital port function from interfering with the function of the Ana-
log Comparator.
AMP1+, Analog Differential Amplifier 1 Positive Input Channel. Configure the port pin as input
with the internal pull-up switched off to avoid the digital port function from interfering with the
function of the Analog Amplifier.
PCINT13, Pin Change Interrupt 13.
• ADC8/AMP1-/ACMPN3/PCINT12 – Bit 4
ADC8, Analog to Digital Converter, input channel 8.
AMP1-, Analog Differential Amplifier 1 Negative Input Channel. Configure the port pin as input
with the internal pull-up switched off to avoid the digital port function from interfering with the
function of the Analog Amplifier.
ACMPN3, Analog Comparator 3 Negative Input. Configure the port pin as input with the internal
pull-up switched off to avoid the digital port function from interfering with the function of the Ana-
log Comparator.
PCINT12, Pin Change Interrupt 12.
• PCINT11/T1/RXCAN/ICP1B – Bit 3
T1, Timer/Counter1 counter source.
RXCAN, CAN Rx Data.
ICP1B, Input Capture Pin: The PC3 pin can act as an Input Capture Pin for Timer/Counter1.
PCINT11, Pin Change Interrupt 11.
• PCINT10/T0/TXCAN – Bit 2
T0, Timer/Counter0 counter source.
TXCAN, CAN Tx Data.
PCINT10, Pin Change Interrupt 10.
• PCINT9/PSCIN1/OC1B/SS_A – Bit 1
PCSIN1, PSC 1 Digital Input.
OC1B, Output Compare Match B output: This pin can serve as an external output for the
Timer/Counter1 Output Compare B. The pin has to be configured as an output (DDC1 set “one”)
to serve this function. This pin is also the output pin for the PWM mode timer function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com