Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16M1 Datasheet(PDF) 49 Page - ATMEL Corporation

Part # ATmega16M1
Description  8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16M1 Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button ATmega16M1 Datasheet HTML 45Page - ATMEL Corporation ATmega16M1 Datasheet HTML 46Page - ATMEL Corporation ATmega16M1 Datasheet HTML 47Page - ATMEL Corporation ATmega16M1 Datasheet HTML 48Page - ATMEL Corporation ATmega16M1 Datasheet HTML 49Page - ATMEL Corporation ATmega16M1 Datasheet HTML 50Page - ATMEL Corporation ATmega16M1 Datasheet HTML 51Page - ATMEL Corporation ATmega16M1 Datasheet HTML 52Page - ATMEL Corporation ATmega16M1 Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 365 page
background image
49
7647F–AVR–04/09
ATmega16/32/64/M1/C1
7.2.3
Brown-out Detection
ATmega16/32/64/M1/C1 has an On-chip Brown-out Detection (BOD) circuit for monitoring the
V
CC level during operation by comparing it to a fixed trigger level. The trigger level for the BOD
can be selected by the BODLEVEL Fuses. The trigger level has a hysteresis to ensure spike
free Brown-out Detection. The hysteresis on the detection level should be interpreted as V
BOT+ =
V
BOT + VHYST/2 and VBOT- = VBOT - VHYST/2.
Notes:
1. V
BOT may be below nominal minimum operating voltage for some devices. For devices where
this is the case, the device is tested down to VCC = VBOT during the production test. This guar-
antees that a Brown-Out Reset will occur before V
CC drops to a voltage where correct
operation of the microcontroller is no longer guaranteed. The test is performed using
BODLEVEL = 010 for Low Operating Voltage and BODLEVEL = 101 for High Operating Volt-
age .
2. Values are guidelines only.
Notes:
1. Values are guidelines only.
When the BOD is enabled, and V
CC decreases to a value below the trigger level (VBOT- in Figure
7-5 on page 50), the Brown-out Reset is immediately activated. When V
CC increases above the
trigger level (V
BOT+ in Figure 7-5 on page 50), the delay counter starts the MCU after the
Time-out period t
TOUT has expired.
The BOD circuit will only detect a drop in V
CC if the voltage stays below the trigger level for lon-
ger than t
BOD given in Table 7-3.
Table 7-2.
BODLEVEL Fuse Coding
(1)(2)
BODLEVEL 2..0 Fuses
Typ V
BOT
Units
111
Disabled
110
4.5
V
011
4.4
V
100
4.3
V
010
4.2
V
001
2.8
V
101
2.7
V
000
2.6
V
Table 7-3.
Brown-out Characteristics(1)
Symbol
Parameter
Min.
Typ.
Max.
Units
VHYST
Brown-out Detector Hysteresis
80
mV
tBOD
Min Pulse Width on Brown-out Reset
2
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com