Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16M1 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATmega16M1
Description  8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16M1 Datasheet(HTML) 1 Page - ATMEL Corporation

  ATmega16M1 Datasheet HTML 1Page - ATMEL Corporation ATmega16M1 Datasheet HTML 2Page - ATMEL Corporation ATmega16M1 Datasheet HTML 3Page - ATMEL Corporation ATmega16M1 Datasheet HTML 4Page - ATMEL Corporation ATmega16M1 Datasheet HTML 5Page - ATMEL Corporation ATmega16M1 Datasheet HTML 6Page - ATMEL Corporation ATmega16M1 Datasheet HTML 7Page - ATMEL Corporation ATmega16M1 Datasheet HTML 8Page - ATMEL Corporation ATmega16M1 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 365 page
background image
Features
• High Performance, Low Power AVR® 8-bit Microcontroller
• Advanced RISC Architecture
– 131 Powerful Instructions - Most Single Clock Cycle Execution
– 32 x 8 General Purpose Working Registers
– Fully Static Operation
– Up to 1 MIPS throughput per MHz
– On-chip 2-cycle Multiplier
• Data and Non-Volatile Program Memory
– 16K/32K/64K Bytes Flash of In-System Programmable Program Memory
• Endurance: 10,000 Write/Erase Cycles
– Optional Boot Code Section with Independent Lock Bits
– In-System Programming by On-chip Boot Program
• True Read-While-Write Operation
– 512/1024/2048 Bytes of In-System Programmable EEPROM
• Endurance: 100,000 Write/Erase Cycles
• Programming Lock for Flash Program and EEPROM Data Security
• 1024/2048/4096 Bytes Internal SRAM
• On Chip Debug Interface (debugWIRE)
• CAN 2.0A/B with 6 Message Objects - ISO 16845 Certified (1)
• LIN 2.1 and 1.3 Controller or 8-Bit UART
• One 12-bit High Speed PSC (Power Stage Controller) (only ATmega16/32/64M1)
• Non Overlapping Inverted PWM Output Pins With Flexible Dead-Time
• Variable PWM duty Cycle and Frequency
• Synchronous Update of all PWM Registers
• Auto Stop Function for Emergency Event
• Peripheral Features
– One 8-bit General purpose Timer/Counter with Separate Prescaler, Compare Mode
and Capture Mode
– One 16-bit General purpose Timer/Counter with Separate Prescaler, Compare
Mode and Capture Mode
– One Master/Slave SPI Serial Interface
– 10-bit ADC
• Up To 11 Single Ended Channels and 3 Fully Differential ADC Channel Pairs
• Programmable Gain (5x, 10x, 20x, 40x) on Differential Channels
• Internal Reference Voltage
• Direct Power Supply Voltage Measurement
– 10-bit DAC for Variable Voltage Reference (Comparators, ADC)
– Four Analog Comparators with Variable Threshold Detection
– 100µA ±6% Current Source (LIN Node Identification)
– Interrupt and Wake-up on Pin Change
– Programmable Watchdog Timer with Separate On-Chip Oscillator
– On-chipTemperature Sensor
• Special Microcontroller Features
– Low Power Idle, Noise Reduction, and Power Down Modes
– Power On Reset and Programmable Brown Out Detection
– In-System Programmable via SPI Port
– High Precision Crystal Oscillator for CAN Operations (16 MHz)
1.
See certification on Atmel® web site and note on “Baud Rate” on page 177.
8-bit
Microcontroller
with
16K/32K/64K
Bytes In-System
Programmable
Flash
ATmega16M1
ATmega32M1
ATmega64M1
ATmega32C1
ATmega64C1
Automotive
7647F–AVR–04/09


Similar Part No. - ATmega16M1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA16M1 ATMEL-ATMEGA16M1 Datasheet
1,005Kb / 25P
8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
ATMEGA16M1 ATMEL-ATMEGA16M1 Datasheet
792Kb / 22P
8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA16M1 ATMEL-ATMEGA16M1 Datasheet
413Kb / 12P
Automotive Specification at 150째C
ATmega16M1 ATMEL-ATmega16M1 Datasheet
5Mb / 20P
Atmel짰 AVR짰 32-bit microcontrollers
ATMEGA16M1-15AZ ATMEL-ATMEGA16M1-15AZ Datasheet
1Mb / 27P
8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
More results

Similar Description - ATmega16M1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA16M1 ATMEL-ATMEGA16M1 Datasheet
1,005Kb / 25P
8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
AT90CAN32 ATMEL-AT90CAN32_08 Datasheet
496Kb / 17P
8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash8-bit Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
ATMEGA16HVB ATMEL-ATMEGA16HVB Datasheet
389Kb / 20P
8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB_09 Datasheet
476Kb / 22P
8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB_1 Datasheet
4Mb / 273P
8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB_10 Datasheet
462Kb / 21P
8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA164P ATMEL-ATMEGA164P_10 Datasheet
568Kb / 28P
8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
ATMEGA32M1-15AZ ATMEL-ATMEGA32M1-15AZ Datasheet
1Mb / 27P
8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
ATMEGA16M1-15AZ ATMEL-ATMEGA16M1-15AZ Datasheet
1Mb / 27P
8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
ATMEGA16M1 ATMEL-ATMEGA16M1_14 Datasheet
908Kb / 12P
8-bit Microcontroller with 16K/32K/64K Bytes In-system
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com