Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16M1 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATmega16M1
Description  8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16M1 Datasheet(HTML) 3 Page - ATMEL Corporation

  ATmega16M1 Datasheet HTML 1Page - ATMEL Corporation ATmega16M1 Datasheet HTML 2Page - ATMEL Corporation ATmega16M1 Datasheet HTML 3Page - ATMEL Corporation ATmega16M1 Datasheet HTML 4Page - ATMEL Corporation ATmega16M1 Datasheet HTML 5Page - ATMEL Corporation ATmega16M1 Datasheet HTML 6Page - ATMEL Corporation ATmega16M1 Datasheet HTML 7Page - ATMEL Corporation ATmega16M1 Datasheet HTML 8Page - ATMEL Corporation ATmega16M1 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 365 page
background image
3
7647F–AVR–04/09
ATmega16/32/64/M1/C1
1.
Pin Configurations
Figure 1-1.
ATmega16/32/64M1 TQFP32/QFN32 (7*7 mm) Package.
Note:
On the engineering samples (Parts marked AT90PWM324), the ACMPN3 alternate function is not
located on PC4. It is located on PE2.
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
(PCINT18/PSCIN2/OC1A/MISO_A) PD2
(PCINT19/TXD/TXLIN/OC0A/SS/MOSI_A) PD3
(PCINT9/PSCIN1/OC1B/SS_A) PC1
VCC
GND
(PCINT10/T0/TXCAN) PC2
(PCINT11/T1/RXCAN/ICP1B) PC3
(PCINT0/MISO/PSCOUT2A) PB0
PB4 (AMP0+/PCINT4)
PB3 (AMP0-/PCINT3)
PC6 (ADC10/ACMP1/PCINT14)
AREF(ISRC)
AGND
AVCC
PC5 (ADC9/ACMP3/AMP1+/PCINT13)
PC4 (ADC8/ACMPN3/AMP1-/PCINT12)
ATmega32/64M1 TQFP32/QFN32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com