Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega169P Datasheet(PDF) 78 Page - ATMEL Corporation

Part # ATmega169P
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega169P Datasheet(HTML) 78 Page - ATMEL Corporation

Back Button ATmega169P Datasheet HTML 74Page - ATMEL Corporation ATmega169P Datasheet HTML 75Page - ATMEL Corporation ATmega169P Datasheet HTML 76Page - ATMEL Corporation ATmega169P Datasheet HTML 77Page - ATMEL Corporation ATmega169P Datasheet HTML 78Page - ATMEL Corporation ATmega169P Datasheet HTML 79Page - ATMEL Corporation ATmega169P Datasheet HTML 80Page - ATMEL Corporation ATmega169P Datasheet HTML 81Page - ATMEL Corporation ATmega169P Datasheet HTML 82Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 393 page
background image
78
8018N–AVR–08/09
ATmega169P
Table 13-10 and Table 13-11 relate the alternate functions of Port C to the overriding signals
shown in Figure 13-5 on page 71.
Table 13-10. Overriding Signals for Alternate Functions in PC7..PC4
Signal
Name
PC7/SEG5
PC6/SEG6
PC5/SEG7
PC4/SEG8
PUOE
LCDEN
LCDEN
LCDEN
LCDEN
PUOV
0000
DDOE
LCDEN
LCDEN
LCDEN
LCDEN
DDOV
0000
PVOE
0000
PVOV
0000
PTOE
––––
DIEOE
LCDEN
LCDEN
LCDEN
LCDEN
DIEOV
0000
DI
––––
AIO
SEG5
SEG6
SEG7
SEG8
Table 13-11. Overriding Signals for Alternate Functions in PC3..PC0
Signal
Name
PC3/SEG9
PC2/SEG10
PC1/SEG11
PC0/SEG12
PUOE
LCDEN
LCDEN
LCDEN
LCDEN
PUOV
0
0
0
0
DDOE
LCDEN
LCDEN
LCDEN
LCDEN
DDOV
0
0
0
0
PVOE
0
0
0
0
PVOV
0
0
0
0
PTOE
DIEOE
LCDEN
LCDEN
LCDEN
LCDEN
DIEOV
0
0
0
0
DI
AIO
SEG9
SEG10
SEG11
SEG12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com