Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega169P Datasheet(PDF) 85 Page - ATMEL Corporation

Part # ATmega169P
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega169P Datasheet(HTML) 85 Page - ATMEL Corporation

Back Button ATmega169P Datasheet HTML 81Page - ATMEL Corporation ATmega169P Datasheet HTML 82Page - ATMEL Corporation ATmega169P Datasheet HTML 83Page - ATMEL Corporation ATmega169P Datasheet HTML 84Page - ATMEL Corporation ATmega169P Datasheet HTML 85Page - ATMEL Corporation ATmega169P Datasheet HTML 86Page - ATMEL Corporation ATmega169P Datasheet HTML 87Page - ATMEL Corporation ATmega169P Datasheet HTML 88Page - ATMEL Corporation ATmega169P Datasheet HTML 89Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 393 page
background image
85
8018N–AVR–08/09
ATmega169P
13.3.7
Alternate Functions of Port G
The alternate pin configuration is as follows:
Note:
1. Port G, PG5 is input only. Pull-up is always on.
See Table 27-3 on page 296 for RSTDISBL fuse.
The alternate pin configuration is as follows:
• RESET – Port G, Bit 5
RESET: External Reset input. When the RSTDISBL Fuse is programmed (‘0’), PG5 will function
as input with pull-up always on.
• T0/SEG23 – Port G, Bit 4
T0, Timer/Counter0 Counter Source.
SEG23, LCD front plane 23
• T1/SEG24 – Port G, Bit 3
T1, Timer/Counter1 Counter Source.
SEG24, LCD front plane 24
Table 13-20. Overriding Signals for Alternate Functions in PF3:PF0
Signal
Name
PF3/ADC3
PF2/ADC2
PF1/ADC1
PF0/ADC0
PUOE
0000
PUOV
0000
DDOE
0000
DDOV
0000
PVOE
0000
PVOV
0000
PTOE
––––
DIEOE
0000
DIEOV
0000
DI
––––
AIO
ADC3 INPUT
ADC2 INPUT
ADC1 INPUT
ADC0 INPUT
Table 13-21. Port G Pins Alternate Functions
(1)
Port Pin
Alternate Function
PG5
RESET
PG4
T0/SEG23 (Timer/Counter0 Clock Input or LCD Front Plane 23)
PG3
T1/SEG24 (Timer/Counter1 Clock Input or LCD Front Plane 24)
PG2
SEG4 (LCD Front Plane 4)
PG1
SEG13 (LCD Front Plane 13)
PG0
SEG14 (LCD Front Plane 14)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com