Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega169P Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATmega169P
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega169P Datasheet(HTML) 3 Page - ATMEL Corporation

  ATmega169P Datasheet HTML 1Page - ATMEL Corporation ATmega169P Datasheet HTML 2Page - ATMEL Corporation ATmega169P Datasheet HTML 3Page - ATMEL Corporation ATmega169P Datasheet HTML 4Page - ATMEL Corporation ATmega169P Datasheet HTML 5Page - ATMEL Corporation ATmega169P Datasheet HTML 6Page - ATMEL Corporation ATmega169P Datasheet HTML 7Page - ATMEL Corporation ATmega169P Datasheet HTML 8Page - ATMEL Corporation ATmega169P Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 393 page
background image
3
8018N–AVR–08/09
ATmega169P
1.2
Pinout - DRQFN
Figure 1-2.
64MC (DRQFN) Pinout ATmega169P
Top view
Bottom view
A1
B1
A2
B2
A3
B3
A4
B4
A5
B5
A6
B6
A7
B7
A8
A25
B22
A24
B21
A23
B20
A22
B19
A21
B18
A20
B17
A19
B16
A18
A1
B1
A2
B2
A3
B3
A4
B4
A5
B5
A6
B6
A7
B7
A8
A25
B22
A24
B21
A23
B20
A22
B19
A21
B18
A20
B17
A19
B16
A18
Table 1-1.
DRQFN-64 Pinout ATmega169P.
A1
PE0
A9
PB7
A18
PG1 (SEG13)
A26
PA2 (COM2)
B1
VLCDCAP
B8
PB6
B16
PG0 (SEG14)
B23
PA3 (COM3)
A2
PE1
A10
PG3
A19
PC0 (SEG12)
A27
PA1 (COM1)
B2
PE2
B9
PG4
B17
PC1 (SEG11)
B24
PA0 (COM0)
A3
PE3
A11
RESET
A20
PC2 (SEG10)
A28
VCC
B3
PE4
B10
VCC
B18
PC3 (SEG9)
B25
GND
A4
PE5
A12
GND
A21
PC4 (SEG8)
A29
PF7
B4
PE6
B11
XTAL2 (TOSC2)
B19
PC5 (SEG7)
B26
PF6
A5
PE7
A13
XTAL1 (TOSC1)
A22
PC6 (SEG6)
A30
PF5
B5
PB0
B12
PD0 (SEG22)
B20
PC7 (SEG5)
B27
PF4
A6
PB1
A14
PD1 (SEG21)
A23
PG2 (SEG4)
A31
PF3
B6
PB2
B13
PD2 (SEG20)
B21
PA7 (SEG3)
B28
PF2
A7
PB3
A15
PD3 (SEG19)
A24
PA6 (SEG2)
A32
PF1
B7
PB5
B14
PD4 (SEG18)
B22
PA4 (SEG0)
B29
PF0
A8
PB4
A16
PD5 (SEG17)
A25
PA5 (SEG1)
A33
AREF
B15
PD7 (SEG15)
B30
AVCC
A17
PD6 (SEG16)
A34
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com