Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega169P Datasheet(PDF) 87 Page - ATMEL Corporation

Part # ATmega169P
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega169P Datasheet(HTML) 87 Page - ATMEL Corporation

Back Button ATmega169P Datasheet HTML 83Page - ATMEL Corporation ATmega169P Datasheet HTML 84Page - ATMEL Corporation ATmega169P Datasheet HTML 85Page - ATMEL Corporation ATmega169P Datasheet HTML 86Page - ATMEL Corporation ATmega169P Datasheet HTML 87Page - ATMEL Corporation ATmega169P Datasheet HTML 88Page - ATMEL Corporation ATmega169P Datasheet HTML 89Page - ATMEL Corporation ATmega169P Datasheet HTML 90Page - ATMEL Corporation ATmega169P Datasheet HTML 91Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 393 page
background image
87
8018N–AVR–08/09
ATmega169P
Table 13-23. Overriding Signals for Alternate Functions in PG3:0
Signal
Name
PG3/T1/SEG24
PG2/SEG4
PG1/SEG13
PG0/SEG14
PUOE
LCDEN •
(LCDPM>6)
LCDEN
LCDEN •
(LCDPM>0)
LCDEN • (LCDPM>0)
PUOV
0
0
0
0
DDOE
LCDEN •
(LCDPM>6)
LCDEN
LCDEN •
(LCDPM>0)
LCDEN • (LCDPM>0)
DDOV
0
0
0
0
PVOE
0
0
0
0
PVOV
0
0
0
0
PTOE
–
–
–
–
DIEOE
LCDEN •
(LCDPM>6)
LCDEN
LCDEN •
(LCDPM>0)
LCDEN • (LCDPM>0)
DIEOV
0
0
0
0
DI
T1 INPUT
–
–
–
AIO
SEG24
SEG4
SEG13
SEG14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com