Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega169P Datasheet(PDF) 329 Page - ATMEL Corporation

Part # ATmega169P
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega169P Datasheet(HTML) 329 Page - ATMEL Corporation

Back Button ATmega169P Datasheet HTML 325Page - ATMEL Corporation ATmega169P Datasheet HTML 326Page - ATMEL Corporation ATmega169P Datasheet HTML 327Page - ATMEL Corporation ATmega169P Datasheet HTML 328Page - ATMEL Corporation ATmega169P Datasheet HTML 329Page - ATMEL Corporation ATmega169P Datasheet HTML 330Page - ATMEL Corporation ATmega169P Datasheet HTML 331Page - ATMEL Corporation ATmega169P Datasheet HTML 332Page - ATMEL Corporation ATmega169P Datasheet HTML 333Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 329 / 393 page
background image
329
8018N–AVR–08/09
ATmega169P
28.3
Speed Grades
Maximum frequency is depending on V
CC. As shown in Figure 28-1 and Figure 28-2, the Maxi-
mum Frequency vs. V
CC curve is linear between 1.8V < VCC < 4.5V. To calculate the maximum
frequency at a given voltage in this interval, use this equation:
To calculate required voltage for a given frequency, use this equation::
At 3 Volt, this gives:
Thus, when V
CC = 3V, maximum frequency will be 9.33 MHz.
At 6 MHz this gives:
Thus, a maximum frequency of 6 MHz requires V
CC = 2.25V.
Figure 28-1. Maximum Frequency vs. V
CC, ATmega169PV
Table 28-1.
Constants used to calculate maximum speed vs. V
CC
Voltage and Frequency range
a
b
Vx
Fy
2.7 < VCC < 4.5 or 8 < Frq < 16
8/1.8
1.8/8
2.7
8
1.8 < V
CC < 2.7 or 4 < Frq < 8
1.8
4
Frequency
a
V Vx
–
()
•
Fy
+
=
Voltage
b
F Fy
–
()
•
Vx
+
=
Frequency
8
1.8
--------
32.7
–
()
•
8
+
9.33
==
Voltage
1.8
8
--------
64
–
()
•
1.8
+
2.25
==
8 MHz
4 MHz
1.8V
2.7V
5.5V
Safe Operating Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com