Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega169P Datasheet(PDF) 383 Page - ATMEL Corporation

Part # ATmega169P
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega169P Datasheet(HTML) 383 Page - ATMEL Corporation

Back Button ATmega169P Datasheet HTML 379Page - ATMEL Corporation ATmega169P Datasheet HTML 380Page - ATMEL Corporation ATmega169P Datasheet HTML 381Page - ATMEL Corporation ATmega169P Datasheet HTML 382Page - ATMEL Corporation ATmega169P Datasheet HTML 383Page - ATMEL Corporation ATmega169P Datasheet HTML 384Page - ATMEL Corporation ATmega169P Datasheet HTML 385Page - ATMEL Corporation ATmega169P Datasheet HTML 386Page - ATMEL Corporation ATmega169P Datasheet HTML 387Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 383 / 393 page
background image
383
8018N–AVR–08/09
ATmega169P
35. Datasheet Revision History
Please note that the referring page numbers in this section are referring to this document. The
referring revision in this section are referring to the document revision.
35.1
Rev. 8018N 08/09
35.2
Rev. 8018M 07/09
35.3
Rev. L 08/08
35.4
Rev. K 06/08
35.5
Rev. J 08/07
1.
Updated ”Ordering Information” on page 378, MCU replaced by MCH.
1.
Updated the last page with new Atmel’s addresses.
1.
Updated package information in ”Features” on page 1.
2.
Added ”Pinout - DRQFN” on page 3:
• The Staggered QFN is named Dual Row QFN (DRQFN).
1.
Updated package information in ”Features” on page 1.
2.
Removed “Disclaimer” from section ”Pin Configurations” on page 2
3.
Added ”64MC (DRQFN) Pinout ATmega169P” on page 3
4.
Added ”Data Retention” on page 9.
5.
Updated ”Stack Pointer” on page 15.
6.
Updated ”Low-frequency Crystal Oscillator” on page 34.
7.
Updated ”USART Register Description” on page 190, register descriptions and tables.
8.
Updated ”UCSRnB – USART Control and Status Register n B” on page 191.
9.
Updated V
IL2 in ”DC Characteristics” on page 327, by removing 0.2VCC from the table.
10.
Replaced Figure 29-36 on page 355 by a correct one.
11.
Updated ”Ordering Information” on page 378.
12.
Added “64MC” package to ”Packaging Information” on page 379.
1.
Updated ”Features” on page 1.
2.
Added ”Minimizing Power Consumption” on page 236 in the LCD section.
3.
Updated ”System and Reset Characteristics” on page 331.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com