Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega3290P Datasheet(PDF) 240 Page - ATMEL Corporation

Part # ATmega3290P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega3290P Datasheet(HTML) 240 Page - ATMEL Corporation

Back Button ATmega3290P Datasheet HTML 236Page - ATMEL Corporation ATmega3290P Datasheet HTML 237Page - ATMEL Corporation ATmega3290P Datasheet HTML 238Page - ATMEL Corporation ATmega3290P Datasheet HTML 239Page - ATMEL Corporation ATmega3290P Datasheet HTML 240Page - ATMEL Corporation ATmega3290P Datasheet HTML 241Page - ATMEL Corporation ATmega3290P Datasheet HTML 242Page - ATMEL Corporation ATmega3290P Datasheet HTML 243Page - ATMEL Corporation ATmega3290P Datasheet HTML 244Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 385 page
background image
240
8021E–AVR–07/09
ATmega329P/3290P
Note:
1. LCDPM3 is reserved and will always read as zero in ATmega329P/649P.
22.5.3
LCDFRR – LCD Frame Rate Register
• Bit 7 – Res: Reserved Bit
This bit is reserved and will always read as zero.
• Bits 6:4 – LCDPS2:0: LCD Prescaler Select
The LCDPS2:0 bits selects tap point from a prescaler. The prescaled output can be further
divided by setting the clock divide bits (LCDCD2:0). The different selections are shown in Table
22-4. Together they determine the prescaled LCD clock (clk
LCD_PS), which is clocking the LCD
module.
0
1
0
0
SEG0:20
21
0
1
0
1
SEG0:22
23
0
1
1
0
SEG0:23
24
0
1
1
1
SEG0:24
25
1
0
0
0
SEG0:26
27
1
0
0
1
SEG0:28
29
1
0
1
0
SEG0:30
31
1
0
1
1
SEG0:32
33
1
1
0
0
SEG0:34
35
1
1
0
1
SEG0:36
37
1
1
1
0
SEG0:38
39
1
1
1
1
SEG0:39
40
Table 22-3.
LCD Port Mask (Values in bold are only available in ATmega3290P) (Continued)
LCDPM3
LCDPM2
LCDPM1
LCDPM0
I/O Port in Use as
Segment Driver
Maximum Number
of Segments
Bit
7
6
5
4
3
210
(0xE6)
–
LCDPS2
LCDPS1
LCDPS0
–
LCDCD2
LCDCD1
LCDCD0
LCDFRR
Read/Write
R
R/W
R/W
R/W
R
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Table 22-4.
LCD Prescaler Select
LCDPS2
LCDPS1
LCDPS0
Output from
Prescaler
clk
LCD/N
Applied Prescaled LCD Clock Frequency
when LCDCD2:0 = 0, Duty = 1/4, and
Frame Rate = 64 Hz
00
0
clk
LCD/16
8.1 kHz
00
1
clkLCD/64
33 kHz
01
0
clk
LCD/128
66 kHz
01
1
clkLCD/256
130 kHz
10
0
clkLCD/512
260 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com