Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega3290P Datasheet(PDF) 242 Page - ATMEL Corporation

Part # ATmega3290P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega3290P Datasheet(HTML) 242 Page - ATMEL Corporation

Back Button ATmega3290P Datasheet HTML 238Page - ATMEL Corporation ATmega3290P Datasheet HTML 239Page - ATMEL Corporation ATmega3290P Datasheet HTML 240Page - ATMEL Corporation ATmega3290P Datasheet HTML 241Page - ATMEL Corporation ATmega3290P Datasheet HTML 242Page - ATMEL Corporation ATmega3290P Datasheet HTML 243Page - ATMEL Corporation ATmega3290P Datasheet HTML 244Page - ATMEL Corporation ATmega3290P Datasheet HTML 245Page - ATMEL Corporation ATmega3290P Datasheet HTML 246Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 385 page
background image
242
8021E–AVR–07/09
ATmega329P/3290P
is increased with 33% when Frame Rate Register is constant. Example of frame rate calculation
is shown in Table 22-6 on page 242.
22.5.4
LCDCCR – LCD Contrast Control Register
• Bits 7:5 – LCDDC2:0: LDC Display Configuration
The LCDDC2:0 bits determine the amount of time the LCD drivers are turned on for each volt-
age transition on segment and common pins. A short drive time will lead to lower power
consumption, but displays with high internal resistance may need longer drive time to achieve
satisfactory contrast. Note that the drive time will never be longer than one half prescaled LCD
clock period, even if the selected drive time is longer. When using static duty or blanking, drive
time will always be one half prescaled LCD clock period.
New values take effect immediately, and can cause small glitches in the display output. This can
be avoided by setting the LCDBL in LCDCRA, and wait to the next start of frame before chang-
ing LCDDC2:0.
Note:
The drive time will be longer dependent on oscillator startup time.
• Bit 4 – LCDMDT: LCD Maximum Drive Time
Writing this bit to one turns the LCD drivers on 100% all the time, regardless of the drive time
configured by LCDDC2:0.
Table 22-6.
Example of frame rate calculation
clk
LCD
duty
K
N
LCDCD2:0
D
Frame Rate
4 MHz
1/4
8
2048
011
4
4000000/(8*2048*4) = 61 Hz
4 MHz
1/3
6
2048
011
4
4000000/(6*2048*4) = 81 Hz
32.768 kHz
Static
8
16
000
1
32768/(8*16*1) = 256 Hz
32.768 kHz
1/2
8
16
100
5
32768/(8*16*5) = 51 Hz
Bit
765
4
3
2
1
0
(0xE7)
LCDDC2
LCDDC1
LCDDC0
LCDNDT
LCDCC3
LCDCC2
LCDCC1
LCDCC0
LCDCCR
Read/Write
R/W
R/W
R/W
R
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Table 22-7.
LCD Display Configuration
LCDDC2
LCDDC1
LCDDC0
Nominal drive time
0
0
0
300 µs
0
0
1
70 µs
0
1
0
150 µs
0
1
1
450 µs
1
0
0
575 µs
1
0
1
850 µs
1
1
0
1150 µs
1
1
1
50% of clk
LCD_PS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com