Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega3290P Datasheet(PDF) 260 Page - ATMEL Corporation

Part # ATmega3290P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega3290P Datasheet(HTML) 260 Page - ATMEL Corporation

Back Button ATmega3290P Datasheet HTML 256Page - ATMEL Corporation ATmega3290P Datasheet HTML 257Page - ATMEL Corporation ATmega3290P Datasheet HTML 258Page - ATMEL Corporation ATmega3290P Datasheet HTML 259Page - ATMEL Corporation ATmega3290P Datasheet HTML 260Page - ATMEL Corporation ATmega3290P Datasheet HTML 261Page - ATMEL Corporation ATmega3290P Datasheet HTML 262Page - ATMEL Corporation ATmega3290P Datasheet HTML 263Page - ATMEL Corporation ATmega3290P Datasheet HTML 264Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 385 page
background image
260
8021E–AVR–07/09
ATmega329P/3290P
Table 24-4.
Boundary-scan Signals for the ADC
(1)
Signal
Name
Direction as
seen
from the ADC
Description
Recommende
d Input when
not in use
Output Values when
recommended inputs are
used, and CPU is not using the
ADC
COMP
Output
Comparator Output
0
0
ACLK
Input
Clock signal to differential amplifier
implemented as Switch-cap filters
00
ACTEN
Input
Enable path from differential amplifier to
the comparator
00
ADCBGEN
Input
Enable Band-gap reference as negative
input to comparator
00
ADCEN
Input
Power-on signal to the ADC
0
0
AMPEN
Input
Power-on signal to the differential amplifier
0
0
DAC_9
Input
Bit 9 of digital value to DAC
1
1
DAC_8
Input
Bit 8 of digital value to DAC
0
0
DAC_7
Input
Bit 7 of digital value to DAC
0
0
DAC_6
Input
Bit 6 of digital value to DAC
0
0
DAC_5
Input
Bit 5 of digital value to DAC
0
0
DAC_4
Input
Bit 4 of digital value to DAC
0
0
DAC_3
Input
Bit 3 of digital value to DAC
0
0
DAC_2
Input
Bit 2 of digital value to DAC
0
0
DAC_1
Input
Bit 1 of digital value to DAC
0
0
DAC_0
Input
Bit 0 of digital value to DAC
0
0
EXTCH
Input
Connect ADC channels 0 - 3 to by-pass
path around differential amplifier
11
GNDEN
Input
Ground the negative input to comparator
when true
00
HOLD
Input
Sample & Hold signal. Sample analog
signal when low. Hold signal when high. If
differential amplifier are used, this signal
must go active when ACLK is high.
11
IREFEN
Input
Enables Band-gap reference as AREF
signal to DAC
00
MUXEN_7
Input
Input Mux bit 7
0
0
MUXEN_6
Input
Input Mux bit 6
0
0
MUXEN_5
Input
Input Mux bit 5
0
0
MUXEN_4
Input
Input Mux bit 4
0
0
MUXEN_3
Input
Input Mux bit 3
0
0
MUXEN_2
Input
Input Mux bit 2
0
0
MUXEN_1
Input
Input Mux bit 1
0
0
MUXEN_0
Input
Input Mux bit 0
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com