Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega3290P Datasheet(PDF) 261 Page - ATMEL Corporation

Part # ATmega3290P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega3290P Datasheet(HTML) 261 Page - ATMEL Corporation

Back Button ATmega3290P Datasheet HTML 257Page - ATMEL Corporation ATmega3290P Datasheet HTML 258Page - ATMEL Corporation ATmega3290P Datasheet HTML 259Page - ATMEL Corporation ATmega3290P Datasheet HTML 260Page - ATMEL Corporation ATmega3290P Datasheet HTML 261Page - ATMEL Corporation ATmega3290P Datasheet HTML 262Page - ATMEL Corporation ATmega3290P Datasheet HTML 263Page - ATMEL Corporation ATmega3290P Datasheet HTML 264Page - ATMEL Corporation ATmega3290P Datasheet HTML 265Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 385 page
background image
261
8021E–AVR–07/09
ATmega329P/3290P
Note:
1. Incorrect setting of the switches in Figure 24-8 will make signal contention and may damage the part. There are several input
choices to the S&H circuitry on the negative input of the output comparator in Figure 24-8. Make sure only one path is
selected from either one ADC pin, Bandgap reference source, or Ground.
If the ADC is not to be used during scan, the recommended input values from Table 24-4 should
be used. The user is recommended not to use the differential amplifier during scan. Switch-Cap
based differential amplifier require fast operation and accurate timing which is difficult to obtain
when used in a scan chain. Details concerning operations of the differential amplifier is therefore
not provided.
The AVR ADC is based on the analog circuitry shown in Figure 24-8 with a successive approxi-
mation algorithm implemented in the digital logic. When used in Boundary-scan, the problem is
usually to ensure that an applied analog voltage is measured within some limits. This can easily
be done without running a successive approximation algorithm: apply the lower limit on the digi-
tal DAC[9:0] lines, make sure the output from the comparator is low, then apply the upper limit
on the digital DAC[9:0] lines, and verify the output from the comparator to be high.
The ADC need not be used for pure connectivity testing, since all analog inputs are shared with
a digital port pin as well.
When using the ADC, remember the following
• The port pin for the ADC channel in use must be configured to be an input with pull-up disabled
to avoid signal contention.
• In Normal mode, a dummy conversion (consisting of 10 comparisons) is performed when
enabling the ADC. The user is advised to wait at least 200ns after enabling the ADC before
controlling/observing any ADC signal, or perform a dummy conversion before using the first
result.
NEGSEL_2
Input
Input Mux for negative input for differential
signal, bit 2
00
NEGSEL_1
Input
Input Mux for negative input for differential
signal, bit 1
00
NEGSEL_0
Input
Input Mux for negative input for differential
signal, bit 0
00
PASSEN
Input
Enable pass-gate of differential amplifier.
1
1
PRECH
Input
Precharge output latch of comparator.
(Active low)
11
SCTEST
Input
Switch-cap TEST enable. Output from
differential amplifier send out to Port Pin
having ADC_4
00
ST
Input
Output of differential amplifier will settle
faster if this signal is high first two ACLK
periods after AMPEN goes high.
00
VCCREN
Input
Selects Vcc as the ACC reference voltage.
0
0
Table 24-4.
Boundary-scan Signals for the ADC
(1) (Continued)
Signal
Name
Direction as
seen
from the ADC
Description
Recommende
d Input when
not in use
Output Values when
recommended inputs are
used, and CPU is not using the
ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com