Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega325P Datasheet(PDF) 79 Page - ATMEL Corporation

Part # ATmega325P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  364 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega325P Datasheet(HTML) 79 Page - ATMEL Corporation

Back Button ATmega325P Datasheet HTML 75Page - ATMEL Corporation ATmega325P Datasheet HTML 76Page - ATMEL Corporation ATmega325P Datasheet HTML 77Page - ATMEL Corporation ATmega325P Datasheet HTML 78Page - ATMEL Corporation ATmega325P Datasheet HTML 79Page - ATMEL Corporation ATmega325P Datasheet HTML 80Page - ATMEL Corporation ATmega325P Datasheet HTML 81Page - ATMEL Corporation ATmega325P Datasheet HTML 82Page - ATMEL Corporation ATmega325P Datasheet HTML 83Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 364 page
background image
79
8023F–AVR–07/09
ATmega325P/3250P
13.3.5
Alternate Functions of Port G
The alternate pin configuration is as follows:
Note:
1. Port G, PG5 is input only. Pull-up is always on.
See Table 25-3 on page 272 for RSTDISBL fuse.
The alternate pin configuration is as follows:
• RESET – Port G, Bit 5
RESET: External Reset input. When the RSTDISBL Fuse is programmed (‘0’), PG5 will function
as input with pull-up always on.
• T0 – Port G, Bit 4
T0, Timer/Counter0 Counter Source.
• T1 – Port G, Bit 3
T1, Timer/Counter1 Counter Source.
Table 13-14 and Table 13-15 relates the alternate functions of Port G to the overriding signals
shown in Figure 13-5 on page 69.
Table 13-13. Overriding Signals for Alternate Functions in PF3:PF0
Signal Name
PF3/ADC3
PF2/ADC2
PF1/ADC1
PF0/ADC0
PUOE
00
00
PUOV
00
00
DDOE
0
0
0
0
DDOV
0
0
0
0
PVOE
00
00
PVOV
00
00
PTOE
––
––
DIEOE
0
0
0
0
DIEOV
0
0
0
0
DI
––
––
AIO
ADC3 INPUT
ADC2 INPUT
ADC1 INPUT
ADC0 INPUT
Table 13-14. Port G Pins Alternate Functions (SEG refers to 100-pin/64-pin pinout)
Port Pin
Alternate Function
PG5
RESET(1)
PG4
T0(Timer/Counter0 Clock Input)
PG3
T1(Timer/Counter1 Clock Input)
PG2
–
PG1
–
PG0
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com