Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega325P Datasheet(PDF) 80 Page - ATMEL Corporation

Part # ATmega325P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  364 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega325P Datasheet(HTML) 80 Page - ATMEL Corporation

Back Button ATmega325P Datasheet HTML 76Page - ATMEL Corporation ATmega325P Datasheet HTML 77Page - ATMEL Corporation ATmega325P Datasheet HTML 78Page - ATMEL Corporation ATmega325P Datasheet HTML 79Page - ATMEL Corporation ATmega325P Datasheet HTML 80Page - ATMEL Corporation ATmega325P Datasheet HTML 81Page - ATMEL Corporation ATmega325P Datasheet HTML 82Page - ATMEL Corporation ATmega325P Datasheet HTML 83Page - ATMEL Corporation ATmega325P Datasheet HTML 84Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 364 page
background image
80
8023F–AVR–07/09
ATmega325P/3250P
13.3.6
Alternate Functions of Port H
Port H is only present in ATmega3250P. The alternate pin configuration is as follows:
The alternate pin configuration is as follows:
• PCINT23 – Port H, Bit 7
PCINT23, Pin Change Interrupt Source 23: The PH7 pin can serve as an external interrupt
source.
• PCINT22 – Port H, Bit 6
PCINT22, Pin Change Interrupt Source 22: The PH6 pin can serve as an external interrupt
source.
• PCINT21 – Port H, Bit 5
PCINT21, Pin Change Interrupt Source 21: The PH5 pin can serve as an external interrupt
source.
Table 13-15. Overriding Signals for Alternate Functions in PG4 and PG3
Signal Name
PG4/T0
PG3/T1
PUOE
0
0
PUOV
0
0
DDOE
0
0
DDOV
0
0
PVOE
0
0
PVOV
0
0
PTOE
–
–
DIEOE
0
0
DIEOV
0
0
DI
T0 INPUT
T1 INPUT
AIO
–
–
Table 13-16. Port H Pins Alternate Functions
Port Pin
Alternate Function
PH7
PCINT23(Pin Change Interrupt23)
PH6
PCINT22 (Pin Change Interrupt22)
PH5
PCINT21(Pin Change Interrupt21)
PH4
PCINT20(Pin Change Interrupt20)
PH3
PCINT19 (Pin Change Interrupt19)
PH2
PCINT18(Pin Change Interrupt18)
PH1
PCINT17(Pin Change Interrupt17)
PH0
PCINT16(Pin Change Interrupt16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com