Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega325P Datasheet(PDF) 82 Page - ATMEL Corporation

Part # ATmega325P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  364 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega325P Datasheet(HTML) 82 Page - ATMEL Corporation

Back Button ATmega325P Datasheet HTML 78Page - ATMEL Corporation ATmega325P Datasheet HTML 79Page - ATMEL Corporation ATmega325P Datasheet HTML 80Page - ATMEL Corporation ATmega325P Datasheet HTML 81Page - ATMEL Corporation ATmega325P Datasheet HTML 82Page - ATMEL Corporation ATmega325P Datasheet HTML 83Page - ATMEL Corporation ATmega325P Datasheet HTML 84Page - ATMEL Corporation ATmega325P Datasheet HTML 85Page - ATMEL Corporation ATmega325P Datasheet HTML 86Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 364 page
background image
82
8023F–AVR–07/09
ATmega325P/3250P
13.3.7
Alternate Functions of Port J
Port J is only present in ATmega3250P. The alternate pin configuration is as follows:
The alternate pin configuration is as follows:
• PCINT30 – Port J, Bit 6
PCINT30, Pin Change Interrupt Source 30: The PE30 pin can serve as an external interrupt
source.
• PCINT29 – Port J, Bit 5
PCINT29, Pin Change Interrupt Source 29: The PE29 pin can serve as an external interrupt
source.
• PCINT28 – Port J, Bit 4
PCINT28, Pin Change Interrupt Source 28: The PE28 pin can serve as an external interrupt
source.
Table 13-18. Overriding Signals for Alternate Functions in PH3:0
Signal Name
PH3/PCINT19
PH2/PCINT18
PH1/PCINT17
PH0/PCINT16
PUOE
0000
PUOV
0000
DDOE
0000
DDOV
0000
PVOE
0000
PVOV
0000
PTOE
––––
DIEOE
PCINT19 • PCIE0
PCINT18 • PCIE0
PCINT17 • PCIE0
PCINT16 • PCIE0
DIEOV
0000
DI
PCINT19 INPUT
PCINT18 INPUT
PCINT17 INPUT
PCINT16 INPUT
AIO
––––
Table 13-19. Port J Pins Alternate Functions
Port Pin
Alternate Function
PJ6
PCINT30(Pin Change Interrupt30)
PJ5
PCINT29(Pin Change Interrupt29)
PJ4
PCINT28(Pin Change Interrupt28)
PJ3
PCINT27(Pin Change Interrupt27)
PJ2
PCINT26(Pin Change Interrupt26)
PJ1
PCINT25(Pin Change Interrupt25)
PJ0
PCINT24(Pin Change Interrupt26)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com